Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61HN2512MR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61HN2512MR-G
Description  Voltage Detector with Delay Circuit Built-In
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61HN2512MR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61HN2512MR-G Datasheet HTML 1Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 2Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 3Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 4Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 5Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 6Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 7Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 8Page - Torex Semiconductor XC61HN2512MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
XC61H Series
Voltage Detector with Delay Circuit Built-In
VIN
RESETB
VSS
3
1
2
R pull
RESETB
INPUT
VIN
VSS
Not necessary with CMOS output products
μP
XC61HN series
■GENERAL DESCRIPTION
The XC61H series is a highly accurate, low power consumption CMOS voltage detector with a delay circuit. Detect voltage is
accurate with minimal temperature drift. Output configurations are available in both CMOS and N-channel open drain.
Since the full delay circuit is built-in, an external delay-time capacitor is not necessary so that high density mounting is possible.
■APPLICATIONS
Microprocessor reset circuitry
System battery life and charge voltage monitors
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
Delay circuitry
■TYPICAL PERFORMANCE
CHARACTERISTICS
■FEATURES
Detect Voltage Accuracy
: ± 2%
(*)
Low Power Consumption
: 1.0μA(TYP.)[ VIN=2.0V ]
Detect Voltage Range
: 1.6V ~ 6.0V (0.1V increments)
Operating Voltage Range
: 0.7V ~ 10.0V
Detect Voltage Temperature Characteristics
:±100ppm/℃(TYP.)
Built-In Release Delay time
: ①1ms (MIN.)
②50ms (MIN.)
③80ms (MIN.)
Output Configuration
: N-ch open drain or CMOS
Package
: SOT-23
* No parts are available with an accuracy of ± 1%
■TYPICAL APPLICATION CIRCUITS
Ambient Temperature: Ta (℃)
●Release Delay Time (tDR) vs. Ambient Temperature
ETR0212-002
XC61HC3012


Similar Part No. - XC61HN2512MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61HN1612MR-G TOREX-XC61HN1612MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1622MR-G TOREX-XC61HN1622MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1642MR-G TOREX-XC61HN1642MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN1652MR-G TOREX-XC61HN1652MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61HN6012MR-G TOREX-XC61HN6012MR-G Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results

Similar Description - XC61HN2512MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com