Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1051T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TJA1051T
Description  High-speed CAN transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1051T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TJA1051T Datasheet HTML 3Page - NXP Semiconductors TJA1051T Datasheet HTML 4Page - NXP Semiconductors TJA1051T Datasheet HTML 5Page - NXP Semiconductors TJA1051T Datasheet HTML 6Page - NXP Semiconductors TJA1051T Datasheet HTML 7Page - NXP Semiconductors TJA1051T Datasheet HTML 8Page - NXP Semiconductors TJA1051T Datasheet HTML 9Page - NXP Semiconductors TJA1051T Datasheet HTML 10Page - NXP Semiconductors TJA1051T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TJA1051_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 1 July 2009
7 of 18
NXP Semiconductors
TJA1051
High-speed CAN transceiver
[3]
ESD performance of pins CANH and CANL according to IEC 61000-4-2 (150 pF, 330
Ω) has been be verified by an external test house.
The result is equal to or better than
±8 kV (unaided).
[4]
Human Body Model (HBM): according to AEC-Q100-002 (100 pF, 1.5 k
Ω).
[5]
Machine Model (MM): according to AEC-Q100-003 (200 pF, 0.75
µH, 10 Ω).
[6]
Charged Device Model (CDM): according to AEC-Q100-011 (field Induced charge; 4 pF). The classification level is C5 (>1000 V).
[7]
In accordance with IEC 60747-1. An alternative definition of virtual junction temperature is: Tvj =Tamb +P × Rth(vj-a), where Rth(vj-a) is a
fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable combinations of power dissipation (P) and ambient
temperature (Tamb).
9.
Thermal characteristics
10. Static characteristics
Table 5.
Thermal characteristics
According to IEC 60747-1.
Symbol
Parameter
Conditions
Value
Unit
Rth(vj-a)
thermal resistance from virtual junction to ambient
SO8 package; in free air
155
K/W
HVSON8 package; in free air
55
K/W
Table 6.
Static characteristics
Tvj = −40 °C to +150 °C; VCC = 4.5 V to 5.5 V; VIO = 2.8 V to 5.5 V[1]; RL =60 Ω unless specified otherwise; All voltages are
defined with respect to ground; Positive currents flow into the IC[2].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply; pin VCC
VCC
supply voltage
4.5
-
5.5
V
ICC
supply current
Silent mode
0.1
1
2.5
mA
Normal mode
recessive; VTXD =VIO
2.5
5
10
mA
dominant; VTXD =0V
20
50
70
mA
Vuvd(VCC)
undervoltage detection
voltage on pin VCC
3.5
-
4.5
V
I/O level adapter supply; pin VIO[1]
VIO
supply voltage on pin VIO
2.8
-
5.5
V
IIO
supply current on pin VIO
Normal and Silent modes
recessive; VTXD =VIO
10
80
250
µA
dominant; VTXD = 0 V
50
350
500
µA
Vuvd(VIO)
undervoltage detection
voltage on pin VIO
1.3
-
2.7
V
Mode control input; pin S
VIH
HIGH-level input voltage
0.7VIO
-VIO + 0.3 V
VIL
LOW-level input voltage
−0.3
-
0.3VIO
V
IIH
HIGH-level input current
VS =VIO
14
10
µA
IIL
LOW-level input current
VS =0V
−10
+1
µA
CAN transmit data input; pin TXD
VIH
HIGH-level input voltage
0.7VIO
-VIO + 0.3 V
VIL
LOW-level input voltage
−0.3
-
0.3VIO
V


Similar Part No. - TJA1051T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T NXP-TJA1051T Datasheet
383Kb / 18P
   High-speed CAN transceiver
Rev. 04-20 October 2009
TJA1051T NXP-TJA1051T Datasheet
484Kb / 21P
   High-speed CAN transceiver
Rev. 5-29 December 2010
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T PHILIPS-TJA1051T Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com