Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9989ET Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9989ET
Description  150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9989ET Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9989ET Datasheet HTML 4Page - NXP Semiconductors TDA9989ET Datasheet HTML 5Page - NXP Semiconductors TDA9989ET Datasheet HTML 6Page - NXP Semiconductors TDA9989ET Datasheet HTML 7Page - NXP Semiconductors TDA9989ET Datasheet HTML 8Page - NXP Semiconductors TDA9989ET Datasheet HTML 9Page - NXP Semiconductors TDA9989ET Datasheet HTML 10Page - NXP Semiconductors TDA9989ET Datasheet HTML 11Page - NXP Semiconductors TDA9989ET Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TDA9989_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
8 of 48
NXP Semiconductors
TDA9989
HDMI 1.3a transmitter with CEC support
The TDA9989 can accept any of the following video input modes (see Table 6):
RGB, with 8-bit for each component
YCbCr 4:4:4, with 8-bit for each component
YCbCr 4:2:2 semi-planar, with up to 12-bit for each component (YCbCr)
YCbCr 4:2:2 ITU656, with up to 12-bit data depth
The TDA9989 can be set to latch data at either rising or falling edge, or both.
7.2.2 Internal assignment
The aim of the video input processor is to internally map the incoming data to the
corresponding mode, which can be handled by the video processing. The internal signal
named VP[23:0] is assigned depending on the input mode as defined below.
Fig 4.
Internal assignment of VP[23:0]
Table 3.
Internal assignment
Internal assignment
Internal port
RGB
YCbCr 4 :4:4
YCbCr 4 :2:2
semi-planar
YCbCr 4 :2:2
ITU656
VP[23]
G[7]
Y[7]
Y[11]
YCbCr[11]
VP[22]
G[6]
Y[6]
Y[10]
YCbCr[10]
VP[21]
G[5]
Y[5]
Y[9]
YCbCr[9]
VP[20]
G[4]
Y[4]
Y[8]
YCbCr[8]
VP[19]
G[3]
Y[3]
Y[7]
YCbCr[7]
VP[18]
G[2]
Y[2]
Y[6]
YCbCr[6]
VP[17]
G[1]
Y[1]
Y[5]
YCbCr[5]
VP[16]
G[0]
Y[0]
Y[4]
YCbCr[4]
VP[15]
B[7]
Cb[7]
Y[3]
YCbCr[3]
VP[14]
B[6]
Cb[6]
Y[2]
YCbCr[2]
VP[13]
B[5]
Cb[5]
Y[1]
YCbCr[1]
VP[12]
B[4]
Cb[4]
Y[0]
YCbCr[0]
VIDEO
INPUT
PROCESSOR
001aah028
VPA[7:0]
VPB[7:0]
VP[23:0]
VPC[7:0]


Similar Part No. - TDA9989ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL NXP-TDA9981BHL Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/15/C1XX NXP-TDA9981BHL/15/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/8/C1XX NXP-TDA9981BHL/8/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Similar Description - TDA9989ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com