Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4030EP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG4030EP
Description  3 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4030EP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG4030EP Datasheet HTML 3Page - NXP Semiconductors PMEG4030EP Datasheet HTML 4Page - NXP Semiconductors PMEG4030EP Datasheet HTML 5Page - NXP Semiconductors PMEG4030EP Datasheet HTML 6Page - NXP Semiconductors PMEG4030EP Datasheet HTML 7Page - NXP Semiconductors PMEG4030EP Datasheet HTML 8Page - NXP Semiconductors PMEG4030EP Datasheet HTML 9Page - NXP Semiconductors PMEG4030EP Datasheet HTML 10Page - NXP Semiconductors PMEG4030EP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMEG4030EP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 August 2009
7 of 13
NXP Semiconductors
PMEG4030EP
3 A low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ = 0.9
(3)
δ = 0.8
(4)
δ = 0.5
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
IF(AV) (A)
0.0
5.0
4.0
2.0
3.0
1.0
006aab672
0.8
0.4
1.2
1.6
PF(AV)
(W)
0.0
(1)
(2)
(3)
(4)
VR (V)
040
30
10
20
006aab673
0.5
0.25
0.75
1.0
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab674
1.5
3.0
4.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab675
1.5
3.0
4.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG4030EP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4030EP NEXPERIA-PMEG4030EP Datasheet
252Kb / 12P
   40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG4030EP-Q NEXPERIA-PMEG4030EP-Q Datasheet
255Kb / 12P
   40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP_1 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
More results

Similar Description - PMEG4030EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG6030EP PHILIPS-PMEG6030EP Datasheet
268Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-21 January 2010
PMEG4030ER NXP-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
logo
Nexperia B.V. All right...
PMEG4030ETP NEXPERIA-PMEG4030ETP Datasheet
234Kb / 13P
   40 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG050V030EPD NEXPERIA-PMEG050V030EPD Datasheet
706Kb / 13P
   50 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
   60 V, 3 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com