Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340114K50R0FB Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # M8340114K50R0FB
Description  TaNFilm Precision DIP Network Commercial and MIL Qualified
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

M8340114K50R0FB Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  M8340114K50R0FB Datasheet HTML 1Page - IRC - a TT electronics Company. M8340114K50R0FB Datasheet HTML 2Page - IRC - a TT electronics Company. M8340114K50R0FB Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Schematic Data
Model 1989
RZ010, RZ130
Schematic A
Model 1999
RZ020, RZ140
Schematic A
Model 1987
RZ010, RZ130
Schematic B
Model 1998
RZ020, RZ140
Schematic B
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R1
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIP
1999
03
1001
B
F
Prefix
Model
1987 = 14-pin DIP, schematic B, gold terminations
1987SD = 14-pin DIP, schematic B, 60/40 Sn/Pb terminations
1989 = 14-pin DIP, schematic A, gold terminations
1989SD = 14-pin DIP, schematic A, 60/40 Sn/Pb terminations
1998 = 16-pin DIP, schematic B, gold terminations
1998SD = 16-pin DIP, schematic B, 60/40 Sn/Pb terminations
1999 = 16-pin DIP, schematic A, gold terminations
1999SD = 16-pin DIP, schematic A, 60/40 Sn/Pb terminations
Absolute TCR
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C; 11 = ±15ppm/°C
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Optional Ratio Tolerance to R
1
F = ±1.0%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Custom schematics and screening available.
Screening available for non-QPL values and tolerances. Contact factory for ordering information.
Commercial Ordering Data
Prefix
Specification Sheet
01 = 14-pin DIP
02 = 16-pin DIP
13 = 14-pin HI REL DIP
14 = 16-pin HI REL DIP
Characteristic
M, K, H
Resistance
Standard 4-digit MIL resistance code
Example: 1001 = 1000
Ω; 50R0=50Ω
Absolute Tolerance
J = ±5%; G = ±2%; F = ±1.0%; D = ±0.5%; B = ±0.1%
Schematic
A = Isolated; B = Bussed Schematic
Standard lead termination is gold plate.
Contact factory for optional 60/40 Sn/Pb solder dip finish.
MIL Screened Ordering Data
(MIL-PRF-83401)
M83401
01
K
1001
F
A
TaNFilm® Precision DIP Network
Commercial and MIL Qualified
1900 Series Issue January 2009 Sheet 3 of 3


Similar Part No. - M8340114K50R0FB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
   Thin Film Resistor Network Military
Revision: 01-Mar-13
logo
TT Electronics.
M83401-08-H-1002-F-G TTELEC-M83401-08-H-1002-F-G Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Vishay Siliconix
M8340101K1004FAD04 VISHAY-M8340101K1004FAD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FADSL VISHAY-M8340101K1004FADSL Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FBD04 VISHAY-M8340101K1004FBD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
More results

Similar Description - M8340114K50R0FB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com