Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340114M1001FB Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # M8340114M1001FB
Description  TaNFilm Precision DIP Network Commercial and MIL Qualified
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

M8340114M1001FB Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  M8340114M1001FB Datasheet HTML 1Page - IRC - a TT electronics Company. M8340114M1001FB Datasheet HTML 2Page - IRC - a TT electronics Company. M8340114M1001FB Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
A ±0.020
0.250
″ ±0.010
SEATING PLANE
0.135
+0.015
-0.010
0.105
″ ±0.020
0.135
+0.015
-0.010
0.050
±0.015
0.100
±0.005
Typ.
Non-Cumulative
0.050
±0.003
0.020
″ ±0.001 Typ.
0.025
±0.005
0.080
″ MAX
0.205
0.300
+0.015
-0.010
0.010
+0.001
0.020
″ MAX
MENISCUS
0.010
Physical Data
Environmental Data
Test Per MIL-PRF-83401
MIL-PRF-83401 Limits (Delta R%)
TaNFilm Test Data (Delta R%)
M
K
H
Max
Typical
Thermal Shock And Power Conditioning
0.7
0.7
0.5
0.10
0.02
Low Temperature Operation
0.5
0.25
0.1
0.1
0.02
Short-term Overload
0.5
0.25
0.1
0.05
0.02
Terminal Strength
0.25
0.25
0.25
0.1
0.02
Resistance To Solder Heat
0.25
0.25
0.1
0.1
0.02
Moisture Resistance
0.5
0.5
0.4
0.1
0.02
Shock
0.25
0.25
0.25
0.1
0.02
Vibration
0.25
0.25
0.25
0.1
0.02
Life
2.0
0.5
0.5
0.1
0.02
High Temperature Exposure
1.0
0.5
0.2
0.1
0.02
Low Temperature Storage
0.5
0.25
0.1
0.1
0.02
25°C Double Load
2.0
0.5
0.5
0.05
0.02
No.
Pins
IRC
Model
Number
Std
Mil Spec
Style
Hi Rel
Mil
Style
Dim.
A
14
198x
01
13
0.700"
16
199x
02
14
0.800"
TaNFilm® Precision DIP Network
Commercial and MIL Qualified
1900 Series Issue January 2009 Sheet 2 of 3


Similar Part No. - M8340114M1001FB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
   Thin Film Resistor Network Military
Revision: 01-Mar-13
logo
TT Electronics.
M83401-08-H-1002-F-G TTELEC-M83401-08-H-1002-F-G Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Vishay Siliconix
M8340101K1004FAD04 VISHAY-M8340101K1004FAD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FADSL VISHAY-M8340101K1004FADSL Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FBD04 VISHAY-M8340101K1004FBD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
More results

Similar Description - M8340114M1001FB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com