Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBP-M959-01-1002-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # DBP-M959-01-1002-F
Description  TaNFilm Precision Molded DIP Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

DBP-M959-01-1002-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  DBP-M959-01-1002-F Datasheet HTML 1Page - IRC - a TT electronics Company. DBP-M959-01-1002-F Datasheet HTML 2Page - IRC - a TT electronics Company. DBP-M959-01-1002-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
M900 Series Issue January 2009 Sheet 1 of 3
M900 Series
Ratios tolerances to ±0.05%
Absolute TCR to ±25ppm/°C
Superior TCR tracking to ±5ppm/°C
Custom circuit schematics available
Sn/Pb and 100% matte tin terminations available
TaNFilm® Precision Molded
DIP Resistor Network
Custom circuits and special testing available. *Contact factory for values below 200
Ω.
IRC’s TaNFilm® M900 series resistor networks are designed for
use in applications requiring a high degree of reliability, stability,
tight tolerance, excellent TCR tracking, and low noise.
The molded construction provides excellent
dimensional stability for automatic insertion. Our continuous feed, high vacuum sputtering process insures
uniform properties from network to network. Precise state-of-the-art laser trimming enables us to easily zero
in the tightest ratios. Passivated Tantalum Nitride resistor film ensures performance far superior to military
specifications and provides excellent environmental protection.
The versatile nature of our photo-etch process makes it possible to supply virtually any circuit configuration
needed to meet special customer requirements. Custom circuit designs can be easily achieved with a modest
set up charge. Military screening available on all units.
Electrical Data
Schematic
Resistance
Range
(
Ω)
Absolute
Tolerance
Optional
Ratio
Tolerance
Absolute TCR
(ppm/°C)
Tracking TCR
(ppm/°C)
Element
Power
(mW)
A
10 - 49.9
F, G, J
F, G
±50; ±100; ±300
±20
200
50.0 - 199
F, G, J
D, F, G
±25; ±50; ±100; ±300
±10
200 - 999
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 400K
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
B
50 - 149
B, D, F, G, J
B, D, F, G
±300; ±100
±50
100
150 - 499
B, D, F, G, J
B, D, F, G
±300; ±100; ±50
±20
500 - 999
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 200K
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
Package Specification Data
Schematic
Package Power (W)
Voltage Rating
Temperature
Range
Substrate
Lead Finish
Options
Noise
8-pin
14-pin 16-pin
PxR not to
exceed 100V
-55°C to +150°C
99.5% Alumina
Sn/Pb solder plate
100% matte tin plate
<-30dB
A
0.8
1.4
1.6
B
0.7
1.3
1.5
_____


Similar Part No. - DBP-M959-01-1002-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results

Similar Description - DBP-M959-01-1002-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Vishay Siliconix
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
   Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
   Molded Precision Current Sensing Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com