Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17JE-13090-02D8A6-CG Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17JE-13090-02D8A6-CG
Description  D-Sub Connectors Solder Cup Termination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-13090-02D8A6-CG Datasheet(HTML) 1 Page - DDK Ltd.

  17JE-13090-02D8A6-CG Datasheet HTML 1Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 2Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 3Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 4Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 5Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 6Page - DDK Ltd. 17JE-13090-02D8A6-CG Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
http://www.ddknet.co.jp
・Solder-cup termination contact for manual soldering.
・Number of contact is 9, 15, 25 and 37.
・Stranded cable AWG22 is applicable to this connector. Please use the soldering iron of 40W (max.)
・The metal shell is in Nickel plating. The pin connectors of metal shell are beat-finished.
・Connection of cable and plug can be shielded by the metarize-finished hood, improving resistance
against EMI shield.
RoHS
Compliant
RoHS
Compliant
D-Sub Connectors Solder Cup Termination
17JE Series
Rated Voltage
300V AC (r.m.s.)
Rated Current
5A / Contact
Dielectric Withstanding Voltage
1000V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
10m Ω (max.)
Applicable Cable
Solid Cable AWG20(max.),
Stranded Cable AWG22(max.)
Operating Temperature
-25℃∼ 85℃
Item
Material / Finish
Insulator
PBT Resin (UL94V-0)/ White
Shell
Steel / Ni Plating
Contact
Copper Alloy / Au over Ni Plating
Hood
ABS Resin / Ni Plating
Lock Screw
Steel or Copper Alloy / Ni Plating
090703
SPECIFICATIONS
FEATURES
MATERIAL / FINISH
Conforming
Standard
MIL-DTL-24308


Similar Part No. - 17JE-13090-02D8A6-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-02(D1)A DDK-17JE-13090-02(D1)A Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-13090-02(D1)A DDK-17JE-13090-02(D1)A Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
   17JE Series Hood Kit
More results

Similar Description - 17JE-13090-02D8A6-CG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
DB25PDSL ADAM-TECH-DB25PDSL Datasheet
188Kb / 2P
   D-SUBMINIATURE SOLDER CUP TERMINATION
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-HT ADAM-TECH-DXXX-SD-HT Datasheet
128Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-MC ADAM-TECH-DXXX-SD-MC Datasheet
97Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-YW-BK ADAM-TECH-DXXX-SD-YW-BK Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-PD-MC ADAM-TECH-DXXX-PD-MC Datasheet
86Kb / 1P
   D-SUB PLUG SOLDER CUP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com