Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2525AL Datasheet(PDF) 2 Page - Texas Instruments

Part # UC2525AL
Description  Regulating Pulse Width Modulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2525AL Datasheet(HTML) 2 Page - Texas Instruments

  UC2525AL Datasheet HTML 1Page - Texas Instruments UC2525AL Datasheet HTML 2Page - Texas Instruments UC2525AL Datasheet HTML 3Page - Texas Instruments UC2525AL Datasheet HTML 4Page - Texas Instruments UC2525AL Datasheet HTML 5Page - Texas Instruments UC2525AL Datasheet HTML 6Page - Texas Instruments UC2525AL Datasheet HTML 7Page - Texas Instruments UC2525AL Datasheet HTML 8Page - Texas Instruments UC2525AL Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UC1525A/27A
UC2525A/27A
UC3525A/27A
ABSOLUTE MAXIMUM RATINGS(Note 1)
Supply Voltage, (+VIN)............................ +40V
Collector Supply Voltage (VC) ...................... +40V
Logic Inputs ............................ –0.3V to +5.5V
Analog Inputs ............................ –0.3V to +VIN
Output Current, Source or Sink ................... 500mA
Reference Output Current ........................ 50mA
Oscillator Charging Current ........................5mA
Power Dissipation at TA = +25°C (Note 2).......... 1000mW
Power Dissipation at TC = +25°C (Note 2) ......... 2000mW
Operating Junction Temperature .......... –55°C to +150°C
Storage Temperature Range ............. –65°C to +150°C
Lead Temperature (Soldering, 10 seconds) ......... +300°C
Note 1: Values beyond which damage may occur.
Note 2: Consult packaging Section of Databook for thermal
limitations and considerations of package.
RECOMMENDED OPERATING CONDITIONS
(Note 3)
Input Voltage (+VIN) .......................+8V to +35V
Collector Supply Voltage (VC)............... +4.5V to +35V
Sink/Source Load Current (steady state) ........0to 100mA
Sink/Source Load Current (peak) ..............0to 400mA
Reference Load Current ......................0to 20mA
Oscillator Frequency Range .............. 100Hz to 400kHz
Oscillator Timing Resistor ..................2k
Ω to 150kΩ
Oscillator Timing Capacitor ............... .001
µFto.01µF
Dead Time Resistor Range ....................0to500
Operating Ambient Temperature Range
UC1525A, UC1527A .................. –55°C to +125°C
UC2525A, UC2527A ................... –25°C to +85°C
UC3525A, UC3527A .....................0°C to +70°C
Note 3: Range over which the device is functional and parame-
ter limits are guaranteed.
DIL-16 (TOP VIEW)
J or N Package
PLCC-20, LCC-20 (TOP VIEW)
Q, L Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Inv. Input
2
N.I. Input
3
SYNC
4
OSC. output
5
N/C
6
CT
7
RT
8
Discharge
9
Softstart
10
N/C
11
Compensation
12
Shutdown
13
Output A
14
Ground
15
N/C
16
VC
17
Output B
18
+VIN
19
VREF
20
CONNECTION DIAGRAMS


Similar Part No. - UC2525AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2525A TI-UC2525A Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525A TI1-UC2525A Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525A TI1-UC2525A Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525ADW TI1-UC2525ADW Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525ADW TI1-UC2525ADW Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC2525AL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com