Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1705D Datasheet(PDF) 6 Page - Texas Instruments

Part # UC1705D
Description  High Speed Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1705D Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC1705D Datasheet HTML 2Page - Texas Instruments UC1705D Datasheet HTML 3Page - Texas Instruments UC1705D Datasheet HTML 4Page - Texas Instruments UC1705D Datasheet HTML 5Page - Texas Instruments UC1705D Datasheet HTML 6Page - Texas Instruments UC1705D Datasheet HTML 7Page - Texas Instruments UC1705D Datasheet HTML 8Page - Texas Instruments UC1705D Datasheet HTML 9Page - Texas Instruments UC1705D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MECHANICAL DATA
MCER001A – JANUARY 1995 – REVISED JANUARY 1997
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
JG (R-GDIP-T8)
CERAMIC DUAL-IN-LINE
0.310 (7,87)
0.290 (7,37)
0.014 (0,36)
0.008 (0,20)
Seating Plane
4040107/C 08/96
5
4
0.065 (1,65)
0.045 (1,14)
8
1
0.020 (0,51) MIN
0.400 (10,16)
0.355 (9,00)
0.015 (0,38)
0.023 (0,58)
0.063 (1,60)
0.015 (0,38)
0.200 (5,08) MAX
0.130 (3,30) MIN
0.245 (6,22)
0.280 (7,11)
0.100 (2,54)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification.
E. Falls within MIL STD 1835 GDIP1-T8


Similar Part No. - UC1705D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI1-UC1705 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705-SP TI1-UC1705-SP Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705J TI1-UC1705J Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705J883B TI1-UC1705J883B Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
UC1705L883B TI1-UC1705L883B Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
More results

Similar Description - UC1705D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com