Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17JE-13370-02D8A2-CG Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17JE-13370-02D8A2-CG
Description  D-Sub Connectors Solder Cup Termination
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-13370-02D8A2-CG Datasheet(HTML) 5 Page - DDK Ltd.

  17JE-13370-02D8A2-CG Datasheet HTML 1Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 2Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 3Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 4Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 5Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 6Page - DDK Ltd. 17JE-13370-02D8A2-CG Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
17JE Series Solder-Cup Termination
Unit:mm
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
5
○ Panel Mount Deviation
Deviation of Panel Mount
Front Mount
Front Mount
Rear Mount
Pan-head Screw
Stud
17JE-□□□□□-0□
(D1)
Hex Nut
Jack Socket
17JE-□□□□□-0□
(D1)
17JE-□□□□□-0□
(D1)
Jack Socket
M3
M3
17L-002 □
Type 1
Type 2
Type 3
17L-003 □ 1
17L-003 □ 3
Panel
Thickness
Max1.3
Mounting Style
Stud Jack Socket
Assembled with Stud , Pan-head
Screw
・Socket
17JE-13 □□ 0-0 □ (D2 □ )-CG
・Pin
17JE-23 □□ 0-0 □ (D2 □ )-CG
Jack socket and hex nut(M3)
are attached.
・Socket
17JE-13 □□ 0-0 □ (D3 □ )A
・Pin
17JE-23 □□ 0-0 □ (D3 □ )
Jack socket and hex nut(M3)
are attached.
・Socket
17JE-13 □□ 0-0 □ (D4 □ )A
・Pin
17JE-23 □□ 0-0 □ (D4 □ )
not available
□ : Thread Size
  A:M2.60.45
           B:M30.5
           C:# 4-40UNC
● Panel Mounting Configuration
M3
M3
Type 1
Type 2
Type 3
Pan-head Screw
Panel
Stud
Connector
Connector
Jack Socket
Hex Nut
● Panel Cut-out Dimensions
K(min.)
4-R1.0
H(min.)
4-R3.4
10
B0.1
2-φ3.2 0.1
※ Connector can be fastened
on the panel.
 (Panel Thickness:0.8 ∼ 1.3)
Number of Contact
B
H
M
K
9
24.99
20.5
22.2
34.09
15
33.32
28.8
30.5
42.42
25
47.04
42.5
44.3
56.14
37
63.50
59.1
60.7
72.60
B0.1
M 0.3
4-R2.5
Connector
Jack Socket
Hex Nut
Type 1
Type 2
Type 3


Similar Part No. - 17JE-13370-02D8A2-CG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13370-02(D1)A DDK-17JE-13370-02(D1)A Datasheet
938Kb / 5P
   17JE Series Hood Kit
More results

Similar Description - 17JE-13370-02D8A2-CG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
DB25PDSL ADAM-TECH-DB25PDSL Datasheet
188Kb / 2P
   D-SUBMINIATURE SOLDER CUP TERMINATION
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-BU ADAM-TECH-DXXX-SD-BU Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-HT ADAM-TECH-DXXX-SD-HT Datasheet
128Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-MC ADAM-TECH-DXXX-SD-MC Datasheet
97Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-YW-BK ADAM-TECH-DXXX-SD-YW-BK Datasheet
89Kb / 1P
   D-SUB SOLDER CUP
DXXX-PD-MC ADAM-TECH-DXXX-PD-MC Datasheet
86Kb / 1P
   D-SUB PLUG SOLDER CUP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com