Electronic Components Datasheet Search |
|
17JE-43090-02D8A2-CG Datasheet(PDF) 5 Page - DDK Ltd. |
|
17JE-43090-02D8A2-CG Datasheet(HTML) 5 Page - DDK Ltd. |
5 / 7 page 17JE Series Solder-Cup Termination Unit:mm http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. 5 ○ Panel Mount Deviation Deviation of Panel Mount Front Mount Front Mount Rear Mount Pan-head Screw Stud 17JE-□□□□□-0□ (D1) Hex Nut Jack Socket 17JE-□□□□□-0□ (D1) 17JE-□□□□□-0□ (D1) □ Jack Socket M3 M3 17L-002 □ Type 1 Type 2 Type 3 17L-003 □ 1 17L-003 □ 3 Panel Thickness Max1.3 Mounting Style Stud Jack Socket Assembled with Stud , Pan-head Screw ・Socket 17JE-13 □□ 0-0 □ (D2 □ )-CG ・Pin 17JE-23 □□ 0-0 □ (D2 □ )-CG Jack socket and hex nut(M3) are attached. ・Socket 17JE-13 □□ 0-0 □ (D3 □ )A ・Pin 17JE-23 □□ 0-0 □ (D3 □ ) Jack socket and hex nut(M3) are attached. ・Socket 17JE-13 □□ 0-0 □ (D4 □ )A ・Pin 17JE-23 □□ 0-0 □ (D4 □ ) not available □ : Thread Size A:M2.60.45 B:M30.5 C:# 4-40UNC ● Panel Mounting Configuration M3 M3 Type 1 Type 2 Type 3 Pan-head Screw Panel Stud Connector Connector Jack Socket Hex Nut ● Panel Cut-out Dimensions K(min.) 4-R1.0 H(min.) 4-R3.4 10 B0.1 2-φ3.2 0.1 ※ Connector can be fastened on the panel. (Panel Thickness:0.8 ∼ 1.3) Number of Contact B H M K 9 24.99 20.5 22.2 34.09 15 33.32 28.8 30.5 42.42 25 47.04 42.5 44.3 56.14 37 63.50 59.1 60.7 72.60 B0.1 M 0.3 4-R2.5 Connector Jack Socket Hex Nut Type 1 Type 2 Type 3 |
Similar Part No. - 17JE-43090-02D8A2-CG |
|
Similar Description - 17JE-43090-02D8A2-CG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |