Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3527BJ Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3527BJ
Description  Regulating Pulse Width Modulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3527BJ Datasheet(HTML) 5 Page - Texas Instruments

  UC3527BJ Datasheet HTML 1Page - Texas Instruments UC3527BJ Datasheet HTML 2Page - Texas Instruments UC3527BJ Datasheet HTML 3Page - Texas Instruments UC3527BJ Datasheet HTML 4Page - Texas Instruments UC3527BJ Datasheet HTML 5Page - Texas Instruments UC3527BJ Datasheet HTML 6Page - Texas Instruments UC3527BJ Datasheet HTML 7Page - Texas Instruments UC3527BJ Datasheet HTML 8Page - Texas Instruments UC3527BJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
UC1525B UC1527B
UC2525B UC2527B
UC3525B UC3527B
PRINCIPLES OF OPERATION AND TYPICAL
CHARACTERISTICS
Shutdown Options (See Block Diagram)
Since both the compensation and soft-start terminals
(Pins 9 and 8) have current source pull-ups, either can
readily accept a pull-down signal which only has to sink a
maximum of 100
µA to turn off the outputs. This is subject
to the added requirement of discharging whatever exter-
nal capacitance may be attached to these pins.
An alternate approach is the use of the shutdown cir-
cuitry of Pin 10 which has been improved to enhance the
available shutdown options. Activating this circuit by ap-
plying a positive signal on Pin 10 performs two functions:
the PWM latch is immediately set providing the fastest
turn-off signal to the external soft-start capacitor. If the
shutdown command is short, the PWM signal is termi-
nated without significant discharge of the soft-start ca-
pacitor, thus, allowing, for example, a convenient
implementation
of
pulse-by-pulse
current
limiting.
Holding Pin 10 high for a longer duration, however, will
ultimately discharge this external capacitor, recycling
slow turn-on upon release.
UDG-95060
UDG-95061
The low source impedance of the output drivers provides
rapid charging of power FET input capacitance while mini-
mizing external components.
Low power transformers can be driven directly by the
UC1525B. Automatic reset occurs during dead time, when
both ends of the primary winding are switched to ground.
UDG-95062
UC1525B Oscillator Schematic


Similar Part No. - UC3527BJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3527B TI-UC3527B Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BN TI-UC3527BN Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BNG4 TI-UC3527BNG4 Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Similar Description - UC3527BJ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com