Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX-7S-SM1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CX-7S-SM1
Description  20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX-7S-SM1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CX-7S-SM1 Datasheet HTML 1Page - RSG Electronic Components GmbH CX-7S-SM1 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany -
www.rsg-electronic.de
DESCRIPTION
STATEK’s ultra-miniature, low profile CX-7-SM AT-cut crystals
in leadless ceramic packages are designed for surface
mounting on printed circuit boards or hybrid circuits. These
crystals are low profile and have a very small land pattern.
Maximum process temperature should not exceed 260
OC.
FEATURES
Designed for surface mount applications using infrared,
vapor phase, wave solder or epoxy mount techniques
Low profile (less than 1.2mm) hermeitcally sealed
ceraminc package
Excellent aging characteristics
Available with glass or ceramic lid
High shock and vibration resistance
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Industrial, Computer & Communications
General purpose clock oscillator
PCMCIA
Fax, Modem and LAN
Smart card
PDA and notebook computers
Handheld instrumentation
Cellular
PCS
Military & Aerospace
Airborne hybrid computer
Military high speed modem
MCM
CX-7-SM CRYSTAL
20 MHz to 50 MHz
Ultra-Miniature, Low Profile
AT-Cut Surface Mount Crystal
10155 - Rev A
TYP.
MAX.
DIM
INCHES
mm
INCHES
mm
A
.157
4.00
.162
4.11
B
.072
1.83
.085
2.16
C
-
-
see below
D
.035
0.89
.045
1.14
DIM “C”
GLASS LID
CERAMIC LID
MAX
INCHES
mm
INCHES
mm
SM1
.045
1.14
.050
1.27
SM2
.046
1.17
.051
1.30
SM3
.048
1.22
.053
1.35
TOP
BOTTOM
B
A
C
D
PACKAGE DIMENSIONS
actual size
SUGGESTED LAND PATTERN
.067[1.70]
.092
[2.34]
GRID COURTYARD
.055[1.40]
.121[3.07]
.177[4.50]
side view


Similar Part No. - CX-7S-SM1

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-7-SM STATEK-CX-7-SM Datasheet
40Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
List of Unclassifed Man...
CX-7925B ETC1-CX-7925B Datasheet
87Kb / 1P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER AND PROGRAMMABLE DIVIDER
logo
RSG Electronic Componen...
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX-7V-SM1 RSG-CX-7V-SM1 Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX-7V-SM2 RSG-CX-7V-SM2 Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
More results

Similar Description - CX-7S-SM1

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX7 STATEK-CX7_08 Datasheet
101Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
CX-7-SM STATEK-CX-7-SM Datasheet
40Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
RSG Electronic Componen...
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
   9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX4SM-AT RSG-CX4SM-AT Datasheet
96Kb / 2P
   14 MHz to 250 MHz Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX9SM-AT RSG-CX9SM-AT Datasheet
80Kb / 2P
   14 MHz to 250 MHz Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
logo
MICORO CRYSTAL SWITZERL...
CC8A-T1A MICROCRYSTAL-CC8A-T1A_17 Datasheet
1,010Kb / 2P
   AT-Cut Crystal 24 MHz ??50 MHz
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
   AT-Cut Crystal 24 MHz ??50 MHz
logo
RSG Electronic Componen...
CX2SM-AT RSG-CX2SM-AT Datasheet
105Kb / 2P
   9.6 MHz to 250 MHz Low Profile, Miniature Surface Mount AT Quartz Crystal
CX3SM-AT RSG-CX3SM-AT Datasheet
97Kb / 2P
   9.6 MHz to 250 MHz Low Profile Miniature Surface Mount AT Quartz Crystal
CX-1-03-LF RSG-CX-1-03-LF Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com