Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340101H1001JA Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # M8340101H1001JA
Description  TaNFilm Precision DIP Network Commercial and MIL Qualified
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

M8340101H1001JA Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  M8340101H1001JA Datasheet HTML 1Page - IRC - a TT electronics Company. M8340101H1001JA Datasheet HTML 2Page - IRC - a TT electronics Company. M8340101H1001JA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
The IRC 1900 Series is the ultimate combination of precision performance, reliability, and long term stability in
a low profile, TaNFilm® DIP package. Rugged welded lead construction combined with the inherent passivation
characteristics of tantalum nitride insure superior ongoing performance over the installed life of the part.
Visit our website to view a graphical demonstration of IRC’s TaNFilm® reliability and performance features.
Electrical Data
Schematic
Resistance
Range
(Ω)
Absolute
Tolerance
Optional
Ratio
Tolerance
Absolute TCR
(ppm/°C)
Tracking
TCR
(ppm/°C)
Military
Characteristic
Element
Power
(mW)
A
Commercial
10 - 49.9
F, G, J
F, G
±50; ±100; ±300
±20
N/A
200
50.0 - 199
F, G, J
D, F, G
±25; ±50; ±100; ±300
±10
200 - 999
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 400K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
A
Military
50 - 100K
B, D, F, G, J
N/A
N/A
N/A
H, K, M
B
Commercial
50 - 149
B, D, F, G, J
B, D, F, G
±300; ±100
±50
N/A
100
150 - 249
B, D, F, G, J
B, D, F, G
±300; ±100; ±50
±20
250 - 999
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 200K
B, D, F, G, J
B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
B
Military
50 - 70K
B, D, F, G, J
N/A
N/A
N/A
H, K, M
Package Specification Data
Schematic
Package Power
(W)
Voltage Rating
Temperature
Range
Substrate
Lead Finish
Noise
14-pin
16-pin
PxR not to
exceed 100V
-55°C to +150°C 99.6% Alumina
Gold Plate (60/40
Sn/Pb available)
<-30dB
A
1.4
1.6
B
1.3
1.5
_____
TaNFilm® Precision DIP Network
Commercial and MIL Qualified
Inherent reliability
MIL-PRF-83401 qualified
Custom configuration available
Bonded leads not susceptible to solder reflow problems
Absolute tolerance to ±0.1% / ratio tolerance to ±0.05%
Absolute TCR to ±15ppm/°C / ratio tracking to ±5ppm/°C
1900 Series
1900 Series Issue January 2009 Sheet 1 of 3


Similar Part No. - M8340101H1001JA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M8340101K1004FAD04 VISHAY-M8340101K1004FAD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FADSL VISHAY-M8340101K1004FADSL Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FBD04 VISHAY-M8340101K1004FBD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004FBDSL VISHAY-M8340101K1004FBDSL Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
M8340101K1004GAD04 VISHAY-M8340101K1004GAD04 Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
More results

Similar Description - M8340101H1001JA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com