Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17JE-P Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17JE-P
Description  D-Sub Solder Termination(Press Contact)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17JE-P Datasheet(HTML) 1 Page - DDK Ltd.

  17JE-P Datasheet HTML 1Page - DDK Ltd. 17JE-P Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
D-Sub Solder Termination(Press Contact)
17JE Series (P) Type
090703
・Solder-cup termination contact for manual soldering.
・Contact is press-fabricated to meet stable quality and low cost requirement.
・Number of contact is 9, 15, 25 and 37.
・The metal shell is in Nickel plating.
・Connection of cable and plug can be shielded by the metalize-finished hood, improving resistance
against EMI shield.
FEATURES
RoHS
Compliant
RoHS
Compliant
Rated Voltage
300V AC (r.m.s.)
Rated Current
2A / Contact
Dielectric Withstanding Voltage
1000V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω min. at 500V DC
Contact Resistance
10m Ω max.
Applicable Cable
Solid Cable AWG22 max.
Stranded Cable AWG24 max.
Operating Temperature
-25℃∼ 85℃
Item
Material / Finish
Insulator
PBT Resin (UL94V-0)/ White
Shell
Steel / Ni Plating
Contact
Copper Alloy / Au over Ni Plating (Contact Area)
SPECIFICATIONS
MATERIAL / FINISH


Similar Part No. - 17JE-P

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-02(D1)A DDK-17JE-13090-02(D1)A Datasheet
515Kb / 5P
   17JE Series Hood Kit
17JE-13090-02(D1)A DDK-17JE-13090-02(D1)A Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-13090-02(D8A)A-CG DDK-17JE-13090-02(D8A)A-CG Datasheet
938Kb / 5P
   17JE Series Hood Kit
17JE-13090-02D1A DDK-17JE-13090-02D1A Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
17JE-13090-02D8A2-CG DDK-17JE-13090-02D8A2-CG Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
More results

Similar Description - 17JE-P

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
logo
Adam Technologies, Inc.
HDT15SD ADAM-TECH-HDT15SD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
logo
CONEC Elektronische Bau...
132J14519X CONEC-132J14519X Datasheet
190Kb / 1P
   HIGH VOLTAGE PLUG SOCKET CONTACT solder termination angled for D-SUB COMBINATION CONNECTORS
07.05.2002
131J14519X CONEC-131J14519X Datasheet
190Kb / 1P
   HIGH VOLTAGE PLUG SOCKET CONTACT solder termination angled for D-SUB COMBINATION CONNECTORS
07.05.2002
131A25519X CONEC-131A25519X Datasheet
479Kb / 1P
   COAXIAL CONTACT PLUG 50 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
15.06.15
131J25519X CONEC-131J25519X Datasheet
479Kb / 1P
   COAXIAL CONTACT PLUG 50 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
15.06.15
131J35519X CONEC-131J35519X Datasheet
119Kb / 1P
   COAXIAL CONTACT PLUG 75 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
03.03.09
131A35519X CONEC-131A35519X Datasheet
119Kb / 1P
   COAXIAL CONTACT PLUG 75 Ohm Solder termination 90° with 5 pins for D-SUB COMBINATION
03.03.09
132J25519X CONEC-132J25519X Datasheet
40Kb / 1P
   COAXIAL SOCKET CONTACT 50 OHM SOLDER TERMINATION 90º (80) WITH 5 PINS for D-SUB COMBINATION
30.03.2006
logo
Adam Technologies, Inc.
DB25PDSL ADAM-TECH-DB25PDSL Datasheet
188Kb / 2P
   D-SUBMINIATURE SOLDER CUP TERMINATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com