Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2524A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC2524A
Description  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2524A Datasheet(HTML) 2 Page - Texas Instruments

  UC2524A Datasheet HTML 1Page - Texas Instruments UC2524A Datasheet HTML 2Page - Texas Instruments UC2524A Datasheet HTML 3Page - Texas Instruments UC2524A Datasheet HTML 4Page - Texas Instruments UC2524A Datasheet HTML 5Page - Texas Instruments UC2524A Datasheet HTML 6Page - Texas Instruments UC2524A Datasheet HTML 7Page - Texas Instruments UC2524A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UC1524A
UC2524A
UC3524A
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Collector Supply Voltage (VC) . . . . . . . . . . . . . . . . . . . . . . . 60V
Output Current (each Output) . . . . . . . . . . . . . . . . . . . . . 200mA
Maximum Forced Voltage (Pin 9, 10) . . . . . . . . . . . . . -3 to +5V
Maximum Forced Current (Pin 9, 10) . . . . . . . . . . . . . . .
±10mA
Reference Output Current . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Oscillator Charging Current . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Power Dissipation at TA = +25°C. . . . . . . . . . . . . . . . . 1000mW
Power Dissipation at TC = +25°C . . . . . . . . . . . . . . . . 2000mW
Operating Temperature Range . . . . . . . . . . . . -55°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature, (Soldering, 10 seconds) . . . . . . . . . +300°C
Note: Consult packaging section of Databook for thermal limita-
tions and considerations of package.
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (TOP VIEW)
J or N Package, DW Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Inv. Input
2
Non-Inv. Input
3
OSC/SYNC
4
C.L. (+) sense
5
N/C
6
C.L. (-) sense
7
RT
8
CT
9
Ground
10
N/C
11
Compensation
12
Shutdown
13
Emitter A
14
Collector A
15
N/C
16
Collector B
17
Emitter B
18
+VIN
19
+5V VREF
20
PLCC-20, LCC-20 (TOP VIEW)
Q or L Package
PARAMETER
TEST CONDITIONS
UC1524A / UC2524A
UC3524A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Turn-on Characteristics
Input Voltage
Operating Range after Turn-on
8
40
8
40
V
Turn-on Threshold
6.5
7.5
8.5
6.5
7.5
8.5
V
Turn-on Current
VIN = 6V
2.5
4
2.5
4
mA
Operating Current
VIN = 8 to 40V
5
10
5
10
mA
Turn-on Hysteresis*
0.5
0.5
V
Reference Section
Output Voltage
TJ = 25°C
4.95
5.00
5.05
4.90
5.00
5.10
V
Over Operating Range
4.9
5.1
4.85
5.15
V
Line Regulation
VIN = 10 to 40V
10
20
10
30
mV
Load Regulation
IL = 0 to 20 mA
20
25
20
35
mV
Temperature Stability*
Over Operating Range*
20
25
20
35
mV
Short Circuit Current
VREF = 0, 25°C
≤ TJ ≤125°C
80
100
80
100
mA
Output Noise Voltage*
10Hz
≤ f ≤ 10kHz, TJ =25°C
40
40
µVrms
Long Term Stability*
TJ =125°C, 1000 Hrs.
20
50
20
50
mV
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1524A, -40° to +85°C for the UC2524A, and 0°C to + 70°C for the UC3524A; VIN
= VC = 20V, TA =TJ.
* These parameters are ensured by design but not 100% tested in production.


Similar Part No. - UC2524A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2524A TI-UC2524A Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524A TI1-UC2524A Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADW TI-UC2524ADW Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADW TI1-UC2524ADW Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC2524ADWG4 TI-UC2524ADWG4 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Similar Description - UC2524A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com