Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA9639C Datasheet(PDF) 5 Page - Texas Instruments

Part # UA9639C
Description  DUAL DIFFERENTIAL LINE RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA9639C Datasheet(HTML) 5 Page - Texas Instruments

  UA9639C Datasheet HTML 1Page - Texas Instruments UA9639C Datasheet HTML 2Page - Texas Instruments UA9639C Datasheet HTML 3Page - Texas Instruments UA9639C Datasheet HTML 4Page - Texas Instruments UA9639C Datasheet HTML 5Page - Texas Instruments UA9639C Datasheet HTML 6Page - Texas Instruments UA9639C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
uA9639C
DUAL DIFFERENTIAL LINE RECEIVER
SLLS113C – OCTOBER 1986 – REVISED MARCH 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
2.5
2
0.5
0
0
3.5
4.5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
1.5
4
3
1
IOH – High-Level Output Current – mA
–10
– 20
–30
– 40
–50
– 60
–70
– 80
VCC = 5 V
VID = 0.2 V
TA = 25°C
Figure 5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.3
0.2
0.1
0
0
5
10
15
20
25
0.4
0.5
0.6
30
35
40
IOL – Low-Level Output Current – mA
VCC = 5 V
VID = – 0.2 V
TA = 25°C
50
40
10
0
01
2
3
4
5
6
70
90
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
100
78
30
80
60
20
VCC – Supply Voltage – V
No Load
Inputs Open
TA = 25°C
Figure 6


Similar Part No. - UA9639C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9639C TI1-UA9639C Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639CD TI1-UA9639CD Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639CP TI1-UA9639CP Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI1-UA9639C_14 Datasheet
229Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results

Similar Description - UA9639C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
[Old version datasheet]   Dual Differential Line Receiver
SN75146 TI-SN75146 Datasheet
108Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
   Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
   Dual Differential Line Receiver
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
   Dual Differential Line Receiver
logo
Texas Instruments
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com