Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17AE-23150B-18E4-FA Datasheet(PDF) 3 Page - DDK Ltd.

Part # 17AE-23150B-18E4-FA
Description  High Density D-Subminiature Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17AE-23150B-18E4-FA Datasheet(HTML) 3 Page - DDK Ltd.

  17AE-23150B-18E4-FA Datasheet HTML 1Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 2Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 3Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 4Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 5Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 6Page - DDK Ltd. 17AE-23150B-18E4-FA Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Unit:mm
17AE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
B
C
D
0.4
φ1.5
E
A
B
X−X Section
X
X
(PCB Surface)
Thread M3 0.5
Shell:φ 3.1 hole
Tapping Ground Tab:Thread M3 0.5
(PCB Surface)
AA
Applicable PCB Mark
○ DIP Mounting Style Receptacle Connector
3
○ DIP Mounting Style Plug Connector
Number of
Contact
ABC
D
E
9
30.8
24.99
10.98
1.373
15.98
15
39.1
33.32
19.20
1.371
24.20
25
53.0
47.04
33.12
1.380
38.12
Number of
Contact
ABC
D
E
9
30.8
24.99
10.98
1.373
15.98
Part Number
L
Mark
PCB
Thickness
17AE-13 □□ 0A-1 □ E4-FA
3.2
A
t = 1.6
17AE-13 □□ 0A-1 □ E5-FA
2.8
B
t = 1.2
17AE-13 □□ 0A-1 □ E6-FA
2.6
C
t = 1.0
Part Number
L
Mark
PCB
Thickness
17AE-23 □□ 0A-1 □ E4-FA
3.2
A
t = 1.6
17AE-23 □□ 0A-1 □ E5-FA
2.8
B
t = 1.2
17AE-23 □□ 0A-1 □ E6-FA
2.6
C
t = 1.0
 Tapping Ground Tab Type 
(17AE-13 □□ 0A-1 □ 50-FA)
 Board Lock Ground Tab Type 
(17AE-23 □□ 0A-1□E□-FA)
D
C
0.4
B
A
E
φ1.5
5.6
Y
Y
Y−Y Section
(PCB Surface)
DDK
Shell:φ3.1 hole
Tapping Ground Tab:Thread M3 0.
Thread M3 0.5
Applicable PCB Mark
AA
(PCB Surface)
Board Lock Ground Tab Type
(17AE-13 □□ 0A-1□E□-FA)
※ Tail cover is common to SMT style plug connector.
Part Number : 17AE-09A-700
 Tapping Ground Tab Type 
(17AE-23 □□ 0A-1 □ 50-FA)


Similar Part No. - 17AE-23150B-18E4-FA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A16-R MSYSTEM-17AC-A16-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A26-R MSYSTEM-17AC-A26-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A36-R MSYSTEM-17AC-A36-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A56-R MSYSTEM-17AC-A56-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
More results

Similar Description - 17AE-23150B-18E4-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09561005601 ETC2-09561005601 Datasheet
329Kb / 14P
   High Density subminiature D connectors
638-015-230-042 ETC2-638-015-230-042 Datasheet
391Kb / 2P
   638 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
logo
List of Unclassifed Man...
634-015-563-042 ETC2-634-015-563-042 Datasheet
489Kb / 2P
   634 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
637-015-230-042 ETC2-637-015-230-042 Datasheet
369Kb / 2P
   637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
471Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature High Density Connector
logo
PANDUIT CORP.
CMD15HDIWY PANDUIT-CMD15HDIWY Datasheet
159Kb / 1P
   Mini-Com짰 15-Pin High-Density D-Subminiature Module
logo
Japan Aviation Electron...
DDU-50PF-F0 JAE-DDU-50PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
DA-C4-J10-F JAE-DA-C4-J10-F Datasheet
136Kb / 1P
   Connector D-Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com