Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17HE-B13150-82-FA Datasheet(PDF) 7 Page - DDK Ltd.

Part # 17HE-B13150-82-FA
Description  MIL-C-24308-Compatible High-Density Crimp Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17HE-B13150-82-FA Datasheet(HTML) 7 Page - DDK Ltd.

  17HE-B13150-82-FA Datasheet HTML 1Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 2Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 3Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 4Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 5Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 6Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 7Page - DDK Ltd. 17HE-B13150-82-FA Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
 
17HE Series
Unit : mm
■Plug Connector (Crimp Type)
■Crimp Pin Contact
17HE-23150-C
NO. OF CONTACTS
15
SHAPE OF BLOCK
C : Crimp type
4.83
5.46
3.68
4.32
2.54
3.18
1.4
2.03
0.25
0.89
24.99
30.7
φ3.1
Contact
16
27.8
7
11
CONTACT PLATENG
2 : Mating area : 0.4μm Gold over Nickel plating
 
Tail area : Golde flash over Nickel plating
3 : Mating area : Gold flash over Nickel plating
 
Tail area : Gold flash over Nickel plating
17H-2PCR-102(P500)
NO. OF CONTACTS
P500 : 500 Contacts/Pack
R10000 : 10000 Contacts/Reel
R : Rear release type
C : Crimp type
P : Pin type
φ1.5
6.7
3.35
1.4
0.8
3
8.5
7
17HE


Similar Part No. - 17HE-B13150-82-FA

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
17H2A MOTIONKING-17H2A Datasheet
85Kb / 1P
   2 Phase Hybrid Stepper Motor
17H2A2406 MOTIONKING-17H2A2406 Datasheet
85Kb / 1P
   2 Phase Hybrid Stepper Motor
17H2A3404 MOTIONKING-17H2A3404 Datasheet
85Kb / 1P
   2 Phase Hybrid Stepper Motor
17H2A3413 MOTIONKING-17H2A3413 Datasheet
85Kb / 1P
   2 Phase Hybrid Stepper Motor
17H2A3417 MOTIONKING-17H2A3417 Datasheet
85Kb / 1P
   2 Phase Hybrid Stepper Motor
More results

Similar Description - 17HE-B13150-82-FA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1757820-6 MACOM-1757820-6 Datasheet
82Kb / 1P
   Subminiature D Pin/Socket Connectors for MIL -C- 24308 and MIL -C- 39029
5-208869-1 MACOM-5-208869-1 Datasheet
89Kb / 1P
   Subminiature D Pin/Socket Connectors for MIL -C- 24308 and MIL -C- 39029
logo
Glenair, Inc.
557S091B GLENAIR-557S091B Datasheet
111Kb / 2P
   EMI/RFI Banding Backshell Assembly for MIL-C-24308 Connectors
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
687-169 GLENAIR-687-169 Datasheet
158Kb / 2P
   EMI/RFI Banding Backshell Assembly for MIL-C-24308 Connectors
logo
ITT Industries
ZDDA78S-FO ITT-ZDDA78S-FO Datasheet
51Kb / 1P
   High density, crimp cable
logo
Dubilier
DBCHDFCD26 DUBILIER-DBCHDFCD26 Datasheet
138Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY CRIMP PIN
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
HARTING Technology Grou...
09-14-025-3001 HARTING-09-14-025-3001 Datasheet
450Kb / 2P
   Han High Density module, crimp male
logo
DDK Ltd.
FRC5-A010-1T0 DDK-FRC5-A010-1T0 Datasheet
196Kb / 6P
   MIL-DTL-83503 Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com