Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA9636ACP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UA9636ACP
Description  DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA9636ACP Datasheet(HTML) 2 Page - Texas Instruments

  UA9636ACP Datasheet HTML 1Page - Texas Instruments UA9636ACP Datasheet HTML 2Page - Texas Instruments UA9636ACP Datasheet HTML 3Page - Texas Instruments UA9636ACP Datasheet HTML 4Page - Texas Instruments UA9636ACP Datasheet HTML 5Page - Texas Instruments UA9636ACP Datasheet HTML 6Page - Texas Instruments UA9636ACP Datasheet HTML 7Page - Texas Instruments UA9636ACP Datasheet HTML 8Page - Texas Instruments UA9636ACP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
uA9636AC
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
SLLS110B – OCTOBER 1980 – REVISED MAY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
+
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
Input
VCC
±
Current
Source
Current
Source
VCC
+
Output
VCC
±
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Positive supply voltage range, VCC+(see Note 1)
VCC– to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage range, VCC–
0.5 V to – 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
P
1000 mW
8.0 mW/
°C
640 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Positive supply voltage, VCC +
10.8
12
13.2
V
Negative supply voltage, VCC –
– 10.8
–12
– 13.2
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Wave-shaping resistor, R(WS)
10
1000
k
Operating free-air temperature, TA
0
70
°C


Similar Part No. - UA9636ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636ACP TI1-UA9636ACP Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
UA9636ACPE4 TI1-UA9636ACPE4 Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results

Similar Description - UA9636ACP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636A TI1-UA9636A Datasheet
454Kb / 14P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
National Semiconductor ...
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
   Adjustable output slew rate
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com