Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17D-303SCRR10000 Datasheet(PDF) 3 Page - DDK Ltd.

Part # 17D-303SCRR10000
Description  Crimp Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17D-303SCRR10000 Datasheet(HTML) 3 Page - DDK Ltd.

  17D-303SCRR10000 Datasheet HTML 1Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 2Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 3Page - DDK Ltd. 17D-303SCRR10000 Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
17DE Series
Unit : mm
●Pin contact
●Socket contact
■ Crimp-Type Contact
17D-203PCR(R10000)
CONTACT PLATING
2 : Mating area : Gold (0.4μm) over Nickel Plating
Crimp area : Gold Flash over Nickel Plating
3 : Gold Flash over Nickel Plating
Rear-release type
No. OF CONTACTS
R10000 : Reel contacts, 10000/reel
P500 : Bulk contacts, 500/pack
S : Socket contact
P : Pin contact
APPLICABLE WIRE
03 : AWG26~30 (standard wire)
Outer diameter of insulator : φ0.8~φ1.2
04 : AWG22~24 (standard wire)
Outer diameter of insulator : φ1.1~φ1.4
6.9
9.9
1.9
2.25
0.85
3.4
1.8
φ1.52
1
φ1.52
8.5
3.4
1.8
0.85
7.9
P/N
Surface finishing
Connecting section
Wiring section
17D-2□□PCR(□□)
Gold (0.4μ) over
Nickel Plating
Gold Flash over
Nickel Plating
17D-3□□PCR(□□)
Gold Flash over
Nickel Plating
Gold Flash over
Nickel Plating
P/N
Surface finishing
Connecting section
Wiring section
17D-2□□SCR(□□)
Gold (0.4μ) over
Nickel Plating
Gold Flash over
Nickel Plating
17D-3□□SCR(□□)
Gold Flash over
Nickel Plating
Gold Flash over
Nickel Plating
3
17DE


Similar Part No. - 17D-303SCRR10000

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
17D-05D0505NNL YUANDEAN-17D-05D0505NNL Datasheet
268Kb / 2P
   DC-DC Converter
17D-05D0512NNL YUANDEAN-17D-05D0512NNL Datasheet
268Kb / 2P
   DC-DC Converter
17D-12D0512NNL YUANDEAN-17D-12D0512NNL Datasheet
268Kb / 2P
   DC-DC Converter
17D-12D1212NNL YUANDEAN-17D-12D1212NNL Datasheet
268Kb / 2P
   DC-DC Converter
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
More results

Similar Description - 17D-303SCRR10000

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17JE-13090-37-FA DDK-17JE-13090-37-FA Datasheet
578Kb / 4P
   Crimp Type
logo
Adam Technologies, Inc.
OBD2-A10791 ADAM-TECH-OBD2-A10791 Datasheet
96Kb / 1P
   RECEPTACLE CRIMP TYPE
logo
List of Unclassifed Man...
CPL-259-1 ETC2-CPL-259-1 Datasheet
103Kb / 2P
   UHF Straight Crimp Type Plug -Crimp Contact
R113082000 ETC2-R113082000 Datasheet
28Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
logo
Tyco Electronics
1-592404-1 MACOM-1-592404-1 Datasheet
67Kb / 1P
   CONTACT, PIN CRIMP TYPE
logo
List of Unclassifed Man...
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
logo
Hirose Electric
CDB-25PF HIROSE-CDB-25PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
logo
Adam Technologies, Inc.
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
   SMA MALE CRIMP TYPE
logo
Tyco Electronics
1-175102-1 MACOM-1-175102-1 Datasheet
155Kb / 2P
   CRIMP TYPE RECEPTACLE CONTACT
logo
Molex Electronics Ltd.
0638160800 MOLEX11-0638160800 Datasheet
32Kb / 1P
   Power Crimp Head For Type 4D Crimp Tools
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com