Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2551APW Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB2551APW
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APW Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2551APW Datasheet HTML 1Page - Texas Instruments TUSB2551APW Datasheet HTML 2Page - Texas Instruments TUSB2551APW Datasheet HTML 3Page - Texas Instruments TUSB2551APW Datasheet HTML 4Page - Texas Instruments TUSB2551APW Datasheet HTML 5Page - Texas Instruments TUSB2551APW Datasheet HTML 6Page - Texas Instruments TUSB2551APW Datasheet HTML 7Page - Texas Instruments TUSB2551APW Datasheet HTML 8Page - Texas Instruments TUSB2551APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
NC – No internal connection
SPEED
RCV
VP
VM
Vreg(3.3)
D+
D–
OE
1
2
3
4
14
16
13
15
12
11
10
9
5
6
7
8
GND
(Exposed die pad)
RGT PACKAGE
(BOTTOM VIEW)
PW PACKAGE
(TOP VIEW)
VCC(I/O)
VCC(5.0)
VPU(3.3)
Vreg(3.3)
SPEED
RCV
VP
VM
SOFTCON
GND
D+
D–
OE
SUSPEND
1
2
3
4
5
6
14
13
12
11
10
9
7
8
DESCRIPTION/ORDERING INFORMATION
TUSB2551A
www.ti.com...................................................................................................................................................................................................... SCES790 – JUNE 2009
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
• Complies With Universal Serial Bus
Specification Rev. 2.0 (USB 2.0)
• Transmits and Receives Serial Data at Both
Full-Speed (12-Mbit/s) and Low-Speed
(1.5-Mbit/s) Data Rates
• Integrated Bypassable 5-V to 3.3-V Voltage
Regulator for Powering Via USB VBUS
• Low-Power Operation is Ideal for Portable
Equipment
• Meets the IEC-61000-4-2 Contact Discharge
(±9 kV) and Air-Gap Discharge (±9 kV) ESD
Ratings
• Separate I/O Supply With Operation Down to
1.65 V
• Very-Low Power Consumption to Meet USB
Suspend Current Requirements
• No Power-Supply Sequencing Requirements
• Cellular Phones
• Personal Digital Assistants (PDAs)
• Handheld Computers
The TUSB2551A is a single-chip transceiver that complies with the physical-layer specifications of universal
serial bus (USB) 2.0. The device supports both full-speed (12-Mbit/s) and low-speed (1.5-Mbit/s) operation. The
TUSB2551A delivers superior edge-rate control, producing crisper eye diagrams, which ease the task of passing
USB compliance testing.
A dual supply-voltage operation allows the TUSB2551A to reference the system interface I/O signals to a supply
voltage down to 1.6 V, while independently powered by the USB VCC(5.0). This allows the system interface to
operate at its core voltage without the addition of buffering logic, and also reduce system operating current.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB2551APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PW TI-TUSB2551PW Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PW TI-TUSB2551PW Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PWG4 TI-TUSB2551PWG4 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results

Similar Description - TUSB2551APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com