Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A27518EPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A27518EPWR
Description  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518EPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A27518EPWR Datasheet HTML 7Page - Texas Instruments TS3A27518EPWR Datasheet HTML 8Page - Texas Instruments TS3A27518EPWR Datasheet HTML 9Page - Texas Instruments TS3A27518EPWR Datasheet HTML 10Page - Texas Instruments TS3A27518EPWR Datasheet HTML 11Page - Texas Instruments TS3A27518EPWR Datasheet HTML 12Page - Texas Instruments TS3A27518EPWR Datasheet HTML 13Page - Texas Instruments TS3A27518EPWR Datasheet HTML 14Page - Texas Instruments TS3A27518EPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0.0
4.0
Supply Voltage, V+ (V)
–5
45
0
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INx = High
INx = Low
0.0
2.0
Input Voltage, VIN (V)
0.0
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
1.8
–100
–10
–80
–90
–70
–60
–50
–40
–30
–20
1.8 V
2.5 V
3.3 V
Frequency (
z)
MH
0.1
1
10
100
1000
Frequency (
z)
MH
–100
–10
–80
–90
–70
–60
–50
–40
–30
–20
0.1
1
10
100
1000
NO1TOCOM1-NO2
NO1TOCOM1-NO3
NO1TOCOM1-NO4
NO1TOCOM1-NO5
NO1TOCOM1-NO6
TS3A27518E
www.ti.com........................................................................................................................................................... SCDS260B – MARCH 2009 – REVISED MAY 2009
TYPICAL CHARACTERISTICS (continued)
Figure 5. Supply Current vs Supply Voltage
Figure 6. Control Input Thresholds (IN1, TA = 25°C)
Figure 7. Crosstalk Adjacent
Figure 8. Crosstalk
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS3A27518E


Similar Part No. - TS3A27518EPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518EPWR TI1-TS3A27518EPWR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Similar Description - TS3A27518EPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com