Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A623157 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A623157
Description  DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A623157 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A623157 Datasheet HTML 1Page - Texas Instruments TS5A623157 Datasheet HTML 2Page - Texas Instruments TS5A623157 Datasheet HTML 3Page - Texas Instruments TS5A623157 Datasheet HTML 4Page - Texas Instruments TS5A623157 Datasheet HTML 5Page - Texas Instruments TS5A623157 Datasheet HTML 6Page - Texas Instruments TS5A623157 Datasheet HTML 7Page - Texas Instruments TS5A623157 Datasheet HTML 8Page - Texas Instruments TS5A623157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Electrical Characteristics for 3.3-V Supply
TS5A623157
DUAL 10-
Ω SPDT ANALOG SWITCH
WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SCDS253 – SEPTEMBER 2007
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
Voltage
VIKU
0
≥ (INC, INO, or ICOM) ≥ –50 mA
3.6 V
V
undershoot
25
°C
8.9
14
Peak ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
3 V
resistance
ICOM = –24 mA,
See Figure 14
Full
18
25
°C
5.4
8
VNO or VNC = 0,
ICOM = 24 mA
Full
10
ON-state
Switch ON,
ron
3 V
resistance
See Figure 14
25
°C
7.4
12
VNO or VNC = 3 V,
ICOM = –24 mA
Full
15
ON-state
25
°C
0.1
0.2
resistance
VNO or VNC = 2.1 V,
Switch ON,
match
Δron
3 V
ICOM = –24 mA,
See Figure 14
Full
0.2
between
channels
ON-state
25
°C
2.8
4
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
3 V
ICOM = –24 mA,
See Figure 14
Full
7
flatness
NC, NO
25
°C
0.5
10
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
OFF leakage
3.6 V
nA
INO(OFF)
VCOM = V+ to 0
See Figure 15
Full
100
current
NC, NO
25
°C
0.5
10
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
3.6 V
nA
INO(ON)
VCOM = Open,
See Figure 16
Full
100
current
COM
25
°C
0.5
10
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
3.6 V
nA
VCOM = 0 to V+,
See Figure 16
Full
100
current
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25
°C
0.1
10
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
nA
current
Full
20
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A623157


Similar Part No. - TS5A623157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A623157DGSR TI1-TS5A623157DGSR Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157RSER TI1-TS5A623157RSER Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
More results

Similar Description - TS5A623157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157 Datasheet
127Kb / 10P
   TinyLogic. Low Voltage UHS SPDT Analog Switch with .2V Undershoot Protection
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com