Part Name
         Description
TPS72017YZUT

 350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin ( 21 Page)


TI
100% 
Zoom Out Zoom In
 13 page
background image
THERMAL INFORMATION
POWER DISSIPATION
PACKAGE MOUNTING
N TES:
O
1,362
1,302
1.All lineardimen
eters.
sionsareinmillim
2.This drawingissub
outnotice.
jecttochangewith
0,994
0,934
TPS720xx
www.ti.com........................................................................................................................................................ SBVS100D – JUNE 2008 – REVISED AUGUST 2009
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +160°C,
each
package
type,
presenting
different
allowing the device to cool. When the junction
considerations in the printed circuit board (PCB)
temperature cools to approximately +140°C, the
layout. The PCB area around the device that is free
output circuitry is again enabled. Depending on power
of other components moves the heat from the device
dissipation,
thermal
resistance,
and
ambient
to the ambient air. Performance data for JEDEC low-
temperature, the thermal protection circuit may cycle
and high-K boards are given in the Dissipation
on and off. This cycling limits the dissipation of the
Ratings table. Using heavier copper increases the
regulator, protecting it from damage as a result of
effectiveness in removing heat from the device. The
overheating.
addition of plated through-holes to heat-dissipating
layers also improves the heatsink effectiveness.
Any tendency to activate the thermal protection circuit
indicates
excessive
power
dissipation
or
an
Power dissipation depends on input voltage and load
inadequate heatsink. For reliable operation, junction
conditions. Power dissipation (PD) is equal to the
temperature should be limited to +125°C maximum.
product of the output current times the voltage drop
To estimate the margin of safety in a complete design
across the output pass element (VIN to VOUT), as
(including
heatsink),
increase
the
ambient
shown in Equation 2:
temperature until the thermal protection is triggered;
PD = (VIN – VOUT) × IOUT
(2)
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
+35°C
above
the
maximum
expected
ambient
condition
of
the
particular
application.
This
Solder
pad
footprint
recommendations
for
the
configuration
produces
a
worst-case
junction
TPS720xx are available from the Texas Instruments
temperature of +125°C at the highest expected
web site at www.ti.com.
ambient temperature and worst-case load.
The internal protection circuitry of the TPS720xx has
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
Continuously running the TPS720xx into thermal
shutdown degrades device reliability.
Figure 28. YZU Wafer Chip-Scale Package Dimensions (in mm)
Copyright © 2008–2009, Texas Instruments Incorporated
13



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl