Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL2203PFB Datasheet(PDF) 10 Page - Texas Instruments

Part # TWL2203PFB
Description  POWER SUPPLY MANAGEMENT IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL2203PFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TWL2203PFB Datasheet HTML 6Page - Texas Instruments TWL2203PFB Datasheet HTML 7Page - Texas Instruments TWL2203PFB Datasheet HTML 8Page - Texas Instruments TWL2203PFB Datasheet HTML 9Page - Texas Instruments TWL2203PFB Datasheet HTML 10Page - Texas Instruments TWL2203PFB Datasheet HTML 11Page - Texas Instruments TWL2203PFB Datasheet HTML 12Page - Texas Instruments TWL2203PFB Datasheet HTML 13Page - Texas Instruments TWL2203PFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TWL2203
POWER SUPPLY MANAGEMENT IC
SLVS185 – FEBRUARY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VCC = 3.75 V
and VEXT = 5.5 V (unless otherwise specified) (continued)
operational amplifiers, TA = –30°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input offset voltage
Vcm = 1.5 V
2
10
mV
IOPB
Input bias current
50
250
na
IOPOS
Input offset current
5
50
nA
RIN
Input resistance
DC resistance
100
M
CMMR
Common-mode rejection ratio
f = 400 Hz,
Vcm = 1.5 V
65
75
dB
VCM
Input common voltage
0.1
2.9
V
PSRR
Power-supply rejection ratio
f = 400 Hz,
Vcm = 1.5 V
60
70
dB
CIN
Common-mode input capacitance
3
pF
VO
Output swing, high
Output high, IO = 2.5 mA (source)
2.9
2.95
V
VO
Output swing, low
Output low,
IO = –2.5 mA (sink)
0.1
0.15
V
IO
Output current
DC Current
±2.5
mA
THD
Total harmonic distortion
f = 1 kHz,
20 dB closed-loop gain,
IO = 0.5 mA
1%
SR
Slew rate
0.3†
V
/µs
GBW
Gain bandwidth product
300
kHz
ringer driver, TA = –30°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON
On resistance
RINGON = VCC, IOUTRING = 100 mA, TA = 25°C
3
TONRING
Turnon time
10
µs
TOFFRING
Turnoff time
10
µs
internal power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINTERNAL
Output voltage
ILOAD = 7.5 mA
3.1
3.25
3.4
V
bandgap reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
1.1812
1.192
1.2028
V
Output noise voltage (RMS)
BW = 300 Hz – 50 kHz
800
nV/Hz
REFVALID
Reference valid
5
µA
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Trip point
160
190
°C
Hysteresis temperature
15
°C


Similar Part No. - TWL2203PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
TWL2213CAPFB TI1-TWL2213CAPFB Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
TWL2213CAPFBR TI1-TWL2213CAPFBR Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
More results

Similar Description - TWL2203PFB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
ON Semiconductor
MC34280 ONSEMI-MC34280 Datasheet
380Kb / 20P
   Power Supply & Management IC for Handheld Electronic Products
February, 2000 ??Rev. 2
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Infineon Technologies A...
ICE3BR1765JXKLA1 INFINEON-ICE3BR1765JXKLA1 Datasheet
905Kb / 31P
   Power Management & Supply
Version 2.3, 19 Nov 2012
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com