Part Name
         Description
TPS72012YZUT

 350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin ( 21 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
DEVICE INFORMATION
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
BIAS
PIN CONFIGURATION
IN
GND
BIAS
6
5
4
OUT
NC
EN
1
2
3
Thermal
Pad
(1)
BIAS
IN
EN
GND
OUT
C3
B2
A3
C1
A1
TPS720xx
www.ti.com........................................................................................................................................................ SBVS100D – JUNE 2008 – REVISED AUGUST 2009
Functional Block Diagram
DRV PACKAGE
YZU PACKAGE
SON-6
WCSP-5
(TOP VIEW)
(TOP VIEW)
(1)
It is recommended that the SON (DRV)
package thermal pad be connected to
ground.
PIN DESCRIPTIONS
TPS720xx
NAME
DRV
YZU
DESCRIPTION
Output pin. A 2.2
µF ceramic capacitor is connected from this pin to ground, for stability and to provide load
OUT
1
A3
transients. See Input and Output Capacitor Requirements in the Application Information section.
NC
2
No connection.
Enable pin. A logic high signal on this pin turns the device on and regulates the voltage from IN to OUT. A
EN
3
C3
logic low on this pin turns off the device.
Bias supply pin. It is recommended that this input be bypassed with a ceramic capacitor to ground for better
BIAS
4
C1
transient performance. See Input and Output Capacitor Requirements in the Application Information section.
GND
5
B2
Ground pin.
Input pin. This pin can be a maximum of 4.5V; VIN must not exceed VBIAS. Bypass this input with a ceramic
IN
6
A1
capacitor to ground. See Input and Output Capacitor Requirements in the Application Information section.
Copyright © 2008–2009, Texas Instruments Incorporated
5



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl