Part Name
         Description
TPS73533DRBR

 500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator ( 21 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
2.86
2.85
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
0
50
100
150
200
250
300
350
400
450
500
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
Y-axisrangeis 2%of2.8V
±
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
0
50
100
150
200
250
300
350
400
450
500
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
Y-axisrangeis 2%of2.5V
±
500
450
400
350
300
250
200
150
100
50
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
V
IN =6.5V
V
EN =0.4V
V
IN =5.0V
V
IN =3.3V
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
TPS735xx
www.ti.com ......................................................................................................................................................... SBVS087G – JUNE 2008 – REVISED MARCH 2009
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73501, VOUT = 2.8V. Typical values are at TJ =
+25°C.
TPS73501 LINE REGULATION
TPS73525 LINE REGULATION
Figure 3.
Figure 4.
TPS73501 LOAD REGULATION
TPS73525 LOAD REGULATION
Figure 5.
Figure 6.
TPS73525 GROUND PIN CURRENT vs
TPS73525 GROUND PIN CURRENT (DISABLE) vs
OUTPUT CURRENT
TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2008–2009, Texas Instruments Incorporated
5



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl