Electronic Components Datasheet Search |
|
TPS658610 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS658610 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 104 page ORDERING INFORMATION 2 Electrical Specifications 2.1 ABSOLUTE MAXIMUM RATINGS TPS658610 Advanced Power Management Unit SLVS884 – JUNE 2009 www.ti.com TA PART NUMBER(1) (2) PACKAGE(3) PACKAGE DESIGNATOR ORDERING(1) PACKAGE MARKING –40 °C to 85°C TPS658610 ZQZ TPS658610 TPS658610 (1) The TPS658610 is only available taped and reeled. Quantities are 2,500 devices per reel. (2) Devices with distinct part numbers have unique factory configurations for supply defaults, sequencing and other functions. Consult the factor for configuration information for each part number. (3) This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. over operating free-air temperature range (unless otherwise noted) (1) VALUE / UNITS AC and USB with respect to AGND1 –0.3 V to 18 V ANLG1, ANLG2, ANLG3 with respect to AGND2 –0.3 V to 6.5 V V(SYS), V(VIN_CHG) with respect to AGND1 –0.3 V to 6.5 V VIN_LDO01, VIN_LDO23, VIN_LDO4, VIN_LDO678, VIN_LDO9 with respect to AGND1 –0.3 V to 6.5 V ADC_REF with respect to AGND2 –0.3 V to 3.6 V RTC_OUT with respect to V(SYS) –5.5 V to 3.6 V RTC_OUT with respect to AGND1 –0.3 V to 3.6 V LDO0, LDO1, LDO2, LDO3, LDO4, LDO5, LDO6, LDO7, LDO8, LDO9, V2V2 and TS with respect to AGND1 –0.3 V to 3.6 V V32K with respect to AGND1 –0.3 V to 3.6 V TS with respect to V2V2 –2.3 V to 0.3 V SM0, L0, VIN_SM0 with respect to PGND0 –0.3 V to 6.5 V SM1, L1, VIN_SM1 with respect to PGND1 –0.3 V to 6.5 V SM2, L2, VIN_SM2 with respect to PGND2 –0.3 V to 6.5 V SM3 , L3 with respect to PGND3 –0.3 V to 29 V SM3SW with respect to PGND3 –0.3 V to 29 V FB3 with respect to PGND3 –0.3 V to 0.5 V V(BAT) with respect to AGND1, Battery power only –0.3 V to 4.6 V All other pins (except AGNDn and PGNDn) with respect to AGND1 –0.3 V to 6.5 V AGND2, AGND3, , DGND1, DGND2DT, PGND0, PGND1, PGND2, PGND3 with respect to AGND1 –0.3 V to +0.3 V Input Current, AC pin Defined by ILIM Input Current, USB pin Defined by ILIM Output continuous current, SYS, VIN_CHG pins 2500 mA Output continuous current, BAT pin –3000 mA Continuous Current at L0, PGND0, L1, PGND1 1500 mA Continuous Current at L3, PGND3 1000 mA Continuous Current at L2, PGND2 2000 mA Operating free-air temperature, TA –40 °C to 85°C Maximum junction temperature, TJ 125 °C Storage temperature, TSTG –65 °C to 150°C Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds 260 °C HBM rating , all pins 2 kV MM rating, all pins 100 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Electrical Specifications 2 Submit Documentation Feedback |
Similar Part No. - TPS658610 |
|
Similar Description - TPS658610 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |