Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73525DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73525DRVR
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73525DRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS73525DRVR Datasheet HTML 1Page - Texas Instruments TPS73525DRVR Datasheet HTML 2Page - Texas Instruments TPS73525DRVR Datasheet HTML 3Page - Texas Instruments TPS73525DRVR Datasheet HTML 4Page - Texas Instruments TPS73525DRVR Datasheet HTML 5Page - Texas Instruments TPS73525DRVR Datasheet HTML 6Page - Texas Instruments TPS73525DRVR Datasheet HTML 7Page - Texas Instruments TPS73525DRVR Datasheet HTML 8Page - Texas Instruments TPS73525DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAMS
Thermal
Shutdown
UVLO
Current
Limit
3.3MW
Overshoot
Detect
500kW
1.208V
Bandgap
IN
EN
FB
OUT
GND
400W
Thermal
Shutdown
UVLO
Current
Limit
2 A
m
Overshoot
Detect
500kW
Quickstart
1.208V
Bandgap
(1)
IN
EN
NR
OUT
GND
400W
NOTE(1): Fixedvoltageversionsbetween1.0Vto1.2Vhavea1.0Vbandgapcircuit
insteadofa1.208Vbandgapcircuit.
PIN CONFIGURATIONS
8
7
6
5
OUT
N/C
NR/FB
GND
IN
N/C
N/C
EN
1
2
3
4
GND
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS735xx
SBVS087G – JUNE 2008 – REVISED MARCH 2009 ......................................................................................................................................................... www.ti.com
Figure 1. Fixed Voltage Versions
Figure 2. Adjustable Voltage Versions
DRB PACKAGE
DRV PACKAGE
3mm × 3mm SON-6
2mm × 2mm SON-6
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
TPS735xx
NAME
DRV
DRB
DESCRIPTION
IN
6
8
Input supply.
GND
3, Pad
4
Ground. The pad must be tied to GND.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
4
5
shutdown mode. EN can be connected to IN if not used.
Fixed voltage versions only; connecting an external capacitor to this pin bypasses noise
NR
2
3
generated by the internal bandgap. This allows output noise to be reduced to very low levels.
Adjustable version only; this is the input to the control loop error amplifier, and is used to set the
FB
2
3
output voltage of the device.
Output of the regulator. A small capacitor (total typical capacitance
≥ 2.0
µF ceramic) is needed
OUT
1
1
from this pin to ground to assure stability.
N/C
5
2, 6, 7
Not internally connected. This pin must either be left open, or tied to GND.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TPS73525DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73525DRVR TI-TPS73525DRVR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVR TI-TPS73525DRVR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVR TI-TPS73525DRVR Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRVR TI1-TPS73525DRVR Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
More results

Similar Description - TPS73525DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com