Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71918-12DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71918-12DRVT
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71918-12DRVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS71918-12DRVT Datasheet HTML 1Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 2Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 3Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 4Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 5Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 6Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 7Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 8Page - Texas Instruments TPS71918-12DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DEVICE INFORMATION
GND
Bandgap
Bandgap
2.5 A
m
2.5 A
m
Current
Limit
Thermal
Shutdown
UVLO
Current
Limit
Thermal
Shutdown
UVLO
Enableand
Power
Control
Logic
60W
60W
OUT1
OUT2
EN1
EN2
IN
TPS719only
TPS719only
TPS718xx
TPS719xx
SBVS088C – FEBRUARY 2007 – REVISED MAY 2008..................................................................................................................................................... www.ti.com
Figure 1. Functional Block Diagram
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS718xx TPS719xx


Similar Part No. - TPS71918-12DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71918-12DRVT TI-TPS71918-12DRVT Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVT TI1-TPS71918-12DRVT Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVT TI1-TPS71918-12DRVT Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVT TI1-TPS71918-12DRVT Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVTG4 TI-TPS71918-12DRVTG4 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Similar Description - TPS71918-12DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com