Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1110 Datasheet(PDF) 11 Page - Texas Instruments

Part # TWL1110
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TWL1110 Datasheet HTML 7Page - Texas Instruments TWL1110 Datasheet HTML 8Page - Texas Instruments TWL1110 Datasheet HTML 9Page - Texas Instruments TWL1110 Datasheet HTML 10Page - Texas Instruments TWL1110 Datasheet HTML 11Page - Texas Instruments TWL1110 Datasheet HTML 12Page - Texas Instruments TWL1110 Datasheet HTML 13Page - Texas Instruments TWL1110 Datasheet HTML 14Page - Texas Instruments TWL1110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TWL1110
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLWS103 – NOVEMBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and free-air temperature (unless
otherwise noted) (continued)
transmit filter transfer, companded mode (
µ-law or A-law) or linear mode selected, transmit slope filter
bypassed (MCLK = 2.048 MHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMIC1 or fMIC2 <100 Hz
– 0.5
0.5
fMIC1 or fMIC2 = 200 Hz
– 0.5
0.5
G i
l ti
t i
t i
l
i
t 1020 H
i t
l hi h
fMIC1 or fMIC2 = 300 Hz to 3 kHz
– 0.5
0.5
Gain relative to input signal gain at 1020 Hz, internal high-pass
filter disabled
fMIC1 or fMIC2 = 3.4 kHz
– 1.5
0
dB
filter disabled
fMIC1 or fMIC2 = 4 kHz
–14
dB
fMIC1 or fMIC2 = 4.6 kHz
–35
fMIC1 or fMIC2 = 8 k Hz
–47
Gain relative to input signal gain at 1020 Hz, internal high-pass
fMIC1 or fMIC2 <100 Hz
–15
dB
Gain relative to in ut signal gain at 1020 Hz, internal high ass
filter enabled
fMIC1 or fMIC2 = 200 Hz
–5
dB
transmit filter transfer, companded mode (
µ-law or A-law) or linear mode selected, transmit slope filter
selected, transmit high-pass filter enabled (MCLK = 2.048 MHz) (see Note 9)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMIC1 or f MIC2 =100 Hz
–27
dB
fMIC1 or fMIC2 = 200 Hz
–8
dB
fMIC1 or fMIC2 = 250 Hz
–4
dB
fMIC1 or fMIC2 = 300 Hz
–1.80
dB
fMIC1 or fMIC2 = 400 Hz
–1.50
dB
fMIC1 or fMIC2 = 500 Hz
–1.30
dB
fMIC1 or fMIC2 = 600 Hz
–1.1
dB
fMIC1 or fMIC2 = 700 Hz
– 0.8
dB
fMIC1 or fMIC2 = 800 Hz
– 0.57
dB
fMIC1 or fMIC2 = 900 Hz
– 0.25
dB
Gain relative to input signal gain at 1 02 kHz with slope filter selected
fMIC1 or fMIC2 = 1000 Hz
0
dB
Gain relative to input signal gain at 1.02 kHz, with slope filter selected
fMIC1 or fMIC2 = 1500 Hz
1.8
dB
fMIC1 or fMIC2 = 2000 Hz
4.0
dB
fMIC1 or fMIC2 = 2500 Hz
6.5
dB
fMIC1 or fMIC2 = 3000 Hz
7.6
dB
fMIC1 or fMIC2 = 3100 Hz
7.7
dB
fMIC1 or fMIC2 = 3300 Hz
8.0
dB
fMIC1 or fMIC2 = 3500 Hz
6.48
dB
fMIC1 or fMIC2 = 4000 Hz
–13
dB
fMIC1 or fMIC2 = 4500 Hz
–35
dB
fMIC1 or fMIC2 = 5000 Hz
–45
dB
fMIC1 or fMIC2 = 8000 Hz
–50
dB
NOTE 9: The pass-band tolerance is
±0.25 dB from 300 Hz to 3500 Hz.


Similar Part No. - TWL1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com