Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL1110 Datasheet(PDF) 5 Page - Texas Instruments

Part # TWL1110
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1110 Datasheet(HTML) 5 Page - Texas Instruments

  TWL1110 Datasheet HTML 1Page - Texas Instruments TWL1110 Datasheet HTML 2Page - Texas Instruments TWL1110 Datasheet HTML 3Page - Texas Instruments TWL1110 Datasheet HTML 4Page - Texas Instruments TWL1110 Datasheet HTML 5Page - Texas Instruments TWL1110 Datasheet HTML 6Page - Texas Instruments TWL1110 Datasheet HTML 7Page - Texas Instruments TWL1110 Datasheet HTML 8Page - Texas Instruments TWL1110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TWL1110
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLWS103 – NOVEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description
power on/reset
The power for the various digital and analog circuits is separated to improve the noise performance of the
device. An external reset must be applied to the active low/RESET terminal to guarantee reset upon power on
and to bring the device to an operational state. After the initial power-on sequence the device can be functionally
powered up and powered down by writing to the power control register through the I2C interface. The device
has a pin-selectable power up in the default mode option. The hardwired pin-selectable PWRUPSEL function
allows the VBAP to power up in the default mode and to be used without a microcontroller.
reference
A precision band gap reference voltage is generated internally and supplies all required voltage references to
operate the transmit and receive channels. The reference system also supplies bias voltage for use with an
electret microphone at terminal MBIAS. An external precision resistor is required for reference current setting
at terminal REXT.
I2C control interface
The I2C interface is a two-wire bidirectional serial interface. The I2C interface controls the VBAP by writing data
to seven control registers:
D Power control
D Mode control
D Transmit PGA and sidetone control
D Receive PGA gain and volume control
D DTMF routing
D Tone selection control
D Auxiliary control
There are two power up modes which may be selected at the PWRUPSEL terminal: (1) The PWRUPSEL state
(VDD at terminal 20) causes the device to power up in the default mode when power is applied. Without an I2C
interface or controlling device, the programmable functions are fixed at the default gain levels, and functions
such as the sidetone and DTMF are not accessible. (2) The PWRUPSEL state (ground at terminal 20) causes
the device to go to a power down state when power is applied. In this mode an I2C interface is required to power
up the device.
phase-locked loop (PLL)
The phase-lock loop generates the internal clock frequency required for digital filters and modulators by phase
locking to 2.048 MHz master clock input.
PCM interface
The PCM interface transmits and receives data at the PCMO and PCMI terminals respectively. The data is
transmitted or received at the PCMCLK speed once every PCMSYN cycle. The PCMCLK can be tied directly
to the 128-kHz or 2.048-MHz master clock (MCLK). The PCMSYN can be driven by an external source or
derived from the master clock and used as an interrupt to the host controller.
microphone amplifiers
The microphone input is a switchable interface for two differential microphone inputs. The first stage is a
low-noise differential amplifier that provides a gain of 23.5 dB. The second-stage amplifier has a selectable gain
of 6 or 18 dB.


Similar Part No. - TWL1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com