Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS10-100-R1K Datasheet(PDF) 2 Page - ASM GmbH

Part # WS10-100-R1K
Description  analog or SSI output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-100-R1K Datasheet(HTML) 2 Page - ASM GmbH

  WS10-100-R1K Datasheet HTML 1Page - ASM GmbH WS10-100-R1K Datasheet HTML 2Page - ASM GmbH WS10-100-R1K Datasheet HTML 3Page - ASM GmbH WS10-100-R1K Datasheet HTML 4Page - ASM GmbH WS10-100-R1K Datasheet HTML 5Page - ASM GmbH WS10-100-R1K Datasheet HTML 6Page - ASM GmbH WS10-100-R1K Datasheet HTML 7Page - ASM GmbH WS10-100-R1K Datasheet HTML 8Page - ASM GmbH WS10-100-R1K Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASM
CAT-WS-E-05
9
www.asm-sensor.com
Dimensions informative only.
For guaranteed dimensions consult factory
Cable Forces
typical at 20 °C
Range
Maximum pull-out force
Minimum pull-in force
mm
[N]
[N]
100
4.7
3.0
125
4.6
2.4
375
7.4
3.9
500
5.5
2.8
750
7.6
3.8
1000
5.3
2.9
1250
4.6
2.4
Dimensions (mm)
Range
A
B, C
D (ADSI16)
375; 750
12.5
B=31,
C=38.5
93.5 (120.5)
100; 125; 500
8.0
1000; 1250
8.0
Outline drawing
Model WS10
with analog or SSI output
Option
SB0


Similar Part No. - WS10-100-R1K

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
   analog output Explosion-proof
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS100M-10000-10V-L10-M4VA ASM-SENSOR-WS100M-10000-10V-L10-M4VA Datasheet
1Mb / 6P
   Analog Output
WS100M-10000-R1K-L10-M4VA ASM-SENSOR-WS100M-10000-R1K-L10-M4VA Datasheet
1Mb / 6P
   Analog Output
WS100M-2000-10V-L10-M4VA ASM-SENSOR-WS100M-2000-10V-L10-M4VA Datasheet
1Mb / 6P
   Analog Output
More results

Similar Description - WS10-100-R1K

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
logo
Extech Instruments Corp...
382203 EXTECH-382203_15 Datasheet
204Kb / 1P
   Analog or Digital Triple Output DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com