Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP6000C Datasheet(PDF) 10 Page - Texas Instruments

Part # TVP6000C
Description  NTSC/PAL Digital Video Encoder
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP6000C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TVP6000C Datasheet HTML 6Page - Texas Instruments TVP6000C Datasheet HTML 7Page - Texas Instruments TVP6000C Datasheet HTML 8Page - Texas Instruments TVP6000C Datasheet HTML 9Page - Texas Instruments TVP6000C Datasheet HTML 10Page - Texas Instruments TVP6000C Datasheet HTML 11Page - Texas Instruments TVP6000C Datasheet HTML 12Page - Texas Instruments TVP6000C Datasheet HTML 13Page - Texas Instruments TVP6000C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
1–4
1.5
Ordering Information
Device
TVP6000CPFP
PFP: Plastic Flat Pack With Power Pad
1.6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
31,34,37
Analog ground
AVDD
33,36,39
Analog power supply
C
32
O
Chrominance analog output signal for S-video output
CCIR
65
O
External clock source select. CCIR can be programmed to select different external
clock sources. When CCIR = 1, the encoder is set to CCIR601 mode. For detailed
programming information, refer to Table 2–11.
CDIR
18
I
Clock direction input. When CDIR = 0, LLC and CREF are outputs. When CDIR = 1, LLC
and CREF are inputs.
COMP
41
I/O
Compensation pin for the internal reference amplifier. A 0.1-
µF capacitor should be
connected between COMP and AVDD.
CREF
5
I/O
Clock reference signal
CVBS
38
O
Composite video output signal
DGND
6,19,48,
51,70,73
Digital ground
DREF
43
I/O
Test pin. For normal applications no connect.
DVDD
8,20,49,
52,68,75
Digital power supply
FSADJ
44
I/O
Full scale adjust control. A 264-
Ω resistor should be connected between FSADJ and
AGND to control the full-scale output current on the analog outputs.
GLCI
10
I
Genlock control input. GLCI is used for communicating with TVP5xxx decoder series.
INVGND
47
INVGND should be connected to AGND for normal applications.
LLC
7
I/O
Line locked clock. One of the 24.54 MHz, 27.00 MHz, or 29.5 MHz clocks for different
standards and pixel rates.
NC
21–30,40,
61–63,80
No connect
NTSQ
66
O
External clock source select. NTSQ can be programmed to select different external
clock sources. When NTSQ = 1, the encoder is set to NTSC square pixel mode. For
detailed programming information, refer to Table 2–11.
PASQ
67
O
External clock source select. PASQ can be programmed to select different external
clock sources. When PASQ = 1, the encoder is set to PAL square pixel mode. For
detailed programming information, refer to Table 2–11.


Similar Part No. - TVP6000C

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TVP TRANSKO-TVP Datasheet
481Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TVP-P50HM33TC-74.25M-TR TRANSKO-TVP-P50HM33TC-74.25M-TR Datasheet
481Kb / 2P
   MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
logo
Amphenol Corporation
TVP00R AMPHENOL-TVP00R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
TVP00WCI0909S AMPHENOL-TVP00WCI0909S Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935P AMPHENOL-TVP00WCI0935P Datasheet
1Mb / 44P
   Standard Circular Connector
More results

Similar Description - TVP6000C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com