Part Name
         Description
TPS65930

 Integrated Power Management Audio Codec (TPS65930 Only) ( 114 Page)


TI
100% 
Zoom Out Zoom In
 90 page
background image
Signalswing
limitingcircuit
Biasgenerator
andstartup
circuit
XI
XO
Signal
shaping
Squarewave:
Vpp=VIO_1P8V
Y
Currentcontrol
circuitandmode
selection
Floating
VBATOK
(1)
Internal
GND
Internal
GND
VBATOK
(1)
037-040
TPS65930/TPS65920
Integrated Power Management
\Audio Codec (TPS65930 Only)
SWCS037D – MAY 2008 – REVISED JUNE 2009
www.ti.com
(1)
Switches close by default and open only if register access enables very-low-power mode when VBAT < 2.7 V.
Figure 11-9. 32-kHz Oscillator in Bypass Mode Block Diagram Without Crystal Option 3
Table 11-7 lists the electrical constraints required by the 32-kHz input square- or sine-wave clock.
Table 11-7. 32-kHz Input Square- or Sine-Wave Clock Source Electrical Characteristics
Name
Parameter Description
Min
Typ
Max
Unit
f
Frequency
32.768
kHz
CI
Input capacitance
35
pF
CFI
On-chip foot capacitance to GND on each input (see Figure 11-7, Figure 11-8, and
10
pF
VPP
Square-/sine-wave amplitude in bypass mode or not
1.8(1)
V
VIH
Voltage input high, square wave in bypass mode
0.8
V
VIL
Voltage input low, square wave in bypass mode
0.6
V
(1)
Bypass input maximum voltage is the same as the maximum voltage provided for the I/O interface.
Table 11-8 lists the timing requirements of the 32-kHz square-wave input clock.
Table 11-8. 32-kHz Square-Wave Input Clock Source Timing Requirements
Name
Parameter
Description
Min
Typ
Max
Unit
CK0
1/tC(32KHZ)
Frequency, 32 kHz
32.768
MHz
CK1
tW(32KHZ)
Pulse duration, 32 kHz low or high
0.45*tC(32KHZ)
0.55*tC(32KHZ)
µs
CK3
tR(32KHZ)
Rise time, 32 kHz(1)
0.1*tC(32KHZ)
µs
CK4
tF(32KHZ)
Fall time, 32 kHz(1)
0.1*tC(32KHZ)
µs
(1)
The capacitive load is 30 pF.
Clock Specifications
90



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl