Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62625YFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62625YFFR
Description  600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62625YFFR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62625YFFR Datasheet HTML 1Page - Texas Instruments TPS62625YFFR Datasheet HTML 2Page - Texas Instruments TPS62625YFFR Datasheet HTML 3Page - Texas Instruments TPS62625YFFR Datasheet HTML 4Page - Texas Instruments TPS62625YFFR Datasheet HTML 5Page - Texas Instruments TPS62625YFFR Datasheet HTML 6Page - Texas Instruments TPS62625YFFR Datasheet HTML 7Page - Texas Instruments TPS62625YFFR Datasheet HTML 8Page - Texas Instruments TPS62625YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ELECTRICAL CHARACTERISTICS
TPS62620
,, TPS62621
TPS62622, TPS62623
TPS62624, TPS62625
www.ti.com ............................................................................................................................................................... SLVS848A – JULY 2009 – REVISED JULY 2009
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.82V, EN = 1.82 V, AUTO mode and TA = -40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VI = 3.6V, VO = 1.82V,
EN = 1.82 V, AUTO mode and TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.3
5.5
V
IO = 0mA. Device not switching
31
55
µA
IQ
Operating quiescent current
IO = 0mA, PWM mode
7.6
mA
I(SD)
Shutdown current
EN = GND
0.2
1
µA
UVLO
Undervoltage lockout threshold
2.05
2.1
V
ENABLE, MODE
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1
µA
POWER SWITCH
TPS62620
VI = V(GS) = 3.6V. PWM mode
270
m
TPS62621
VI = V(GS) = 2.5V. PWM mode
350
m
TPS62622
P-channel MOSFET
rDS(on)
on resistance
VI = V(GS) = 3.6V. PWM mode
480
m
TPS62623
TPS62624
VI = V(GS) = 2.5V. PWM mode
640
m
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
1
µA
VI = V(GS) = 3.6V. PWM mode
140
m
N-channel MOSFET
rDS(on)
TPS6262x
on resistance
VI = V(GS) = 2.5V. PWM mode
200
m
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
1
µA
Discharge resistor for power-down
rDIS
15
50
sequence
P-MOS current limit
2.3V
≤ VI ≤ 4.8V. Open loop
975
1100
1200
mA
Input current under short-circuit
VO shorted to ground
19
mA
conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
OSCILLATOR
fSW
Oscillator frequency
TPS6262x
IO = 0mA. PWM mode
5.4
6
6.6
MHz
OUTPUT
2.3V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 600mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
Regulated DC
2.3V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 600mA
0.98×VNOM
VNOM
1.04×VNOM
V
output voltage
PFM/PWM operation
V(OUT)
TPS6262x
2.3V
≤ VI ≤ 5.5V, 0 mA ≤ IO ≤ 600mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
Line regulation
VI = VO + 0.5V (min 2.3V) to 5.5V, IO = 200mA
0.13
%/V
Load regulation
IO = 0mA to 600mA
-0.0003
%/mA
Feedback input resistance
480
k
TPS62620
IO = 1mA
20
mVPP
TPS62621
Power-save mode
ΔVO
ripple voltage
TPS62623
IO = 1mA
24
mVPP
TPS62624
Start-up time
TPS62620
IO = 0mA, Time from active EN to VO
120
µs
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62620 TPS62621 TPS62622 TPS62623 TPS62624 TPS62625


Similar Part No. - TPS62625YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62625YFFR TI1-TPS62625YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results

Similar Description - TPS62625YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com