Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62625YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62625YFFR
Description  600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62625YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62625YFFR Datasheet HTML 3Page - Texas Instruments TPS62625YFFR Datasheet HTML 4Page - Texas Instruments TPS62625YFFR Datasheet HTML 5Page - Texas Instruments TPS62625YFFR Datasheet HTML 6Page - Texas Instruments TPS62625YFFR Datasheet HTML 7Page - Texas Instruments TPS62625YFFR Datasheet HTML 8Page - Texas Instruments TPS62625YFFR Datasheet HTML 9Page - Texas Instruments TPS62625YFFR Datasheet HTML 10Page - Texas Instruments TPS62625YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
1
10
100
1000
I
-LoadCurrent-mA
O
V =3.6V
V
=1.82V
PFM/PWMOperation
I
O
L = Aircoil(0.5 H,DCR=20m )
m
W
L =muRataLQM21PN1R0
L =muRataLQM21PN0R54
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
1
10
100
1000
I
-LoadCurrent-mA
O
L =muRataLQM21PN1R0
L =muRataLQM21PN0R54
V =3.6V
V
=1.2V
PFM/PWMOperation
I
O
L = Aircoil(0.5 H,DCR=20m )
m
W
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
50 100 150 200 250 300 350 400 450 500 550 600
I
-LoadCurrent-mA
O
V
=1.82V
O
V =4.8V
I
V =3.6V
I
V =2.5V
I
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V -InputVoltage-V
I
V
=1.82V
PFM/PWMOperation
O
I
=300mA
O
I
=100mA
O
I
=1mA
O
TPS62620
,, TPS62621
TPS62622, TPS62623
TPS62624, TPS62625
www.ti.com ............................................................................................................................................................... SLVS848A – JULY 2009 – REVISED JULY 2009
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
EFFICIENCY
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 7.
Figure 8.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62620 TPS62621 TPS62622 TPS62623 TPS62624 TPS62625


Similar Part No. - TPS62625YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62625YFFR TI1-TPS62625YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results

Similar Description - TPS62625YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com