Part Name
         Description
TPS65073RSL

 Single Chip Power Solution for Navigation Systems ( 89 Page)


TI
100% 
Zoom Out Zoom In
 79 page
background image
10uF
VDCDC2
1.5uH
L2
VDD_MPU_IVA (1.2V)
10uF
VDCDC3
1.5uH
L3
VDDCORE(1.2V)
SYS
BAT
2x10uF
VINDCDC1/2
TS
NTC
AC
USB
ISET
2.2uF
1uF
1uF
LiIon
/PB_IN
DEFDCDC2
DEFDCDC3
VDDS_MMC1(1.8V/3.0V)
LDO2
2.2uF
PB_OUT
EN_DCDC2
EN_DCDC3
SYS.nRESPWRON
PGOOD
SCLK
SCLK
SDAT
SDAT
VDDS
POWER_ON
GPIO(/disablepower)
LDO1
setcharge
current
DCDC2
600mA
DCDC3
1500mA
VINLDO1/2
SYS
1uF
LDO1
200mA
LDO2
200mA
BAT
OMAP35xx
BYPASS
AD_IN1(TSX1)
AD_IN2(TSX2)
AD_IN3(TSY1)
AD_IN4(TSY2)
/INT
/INT
wLED
boost
SYS
L4
1uF
charger/powerpath
ISINK1
ISINK2
ISET1
ISET2
ON/
OFF
FB_wLED
VDCDC1
1.5uH
L1
DCDC1
600mA
10uF
VINDCDC3
EN_DCDC1
+
-
delay
THRESHOLD
/Reset
VDDS_DPLL_DLL (1.8V)
TPS65073
AVDD6
INT_LDO
VDDS_WKUP_BG(1.8V)
VDDS_MEM;VDDS
VDDS_DPLL_PER(1.8V)
VDDS_SRAM
LDO
EN
VDDA_DAC(1.8V)
SYS
TPS79901
Vin
GPIO(push-buttonint)
TPS3825-33DBVT
/RST
SYS_OFF_MODE
VDDS
/MR
SN74LVC1G06DCK
SYS
VDD
GND
SYS
A
Y
GND
VCC
VDDS
TPS65070, TPS65072, TPS65073
www.ti.com ....................................................................................................................................................................................................... SLVS950 – JULY 2009
Figure 55. OMAP35xx (Supporting SYS-OFF Mode)
Copyright © 2009, Texas Instruments Incorporated
79



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl