Part Name
         Description
TPS65072RSL

 Single Chip Power Solution for Navigation Systems ( 89 Page)


TI
100% 
Zoom Out Zoom In
 70 page
background image
Starting TPS6507x
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
Table 9. Sequencing Settings (continued)
DEDICATED
DCDC_SQ[2..0]
LDO_SQ[2..0]
COMMENT
FOR
TPS65072(1)
Sirf Atlas 4
111
010
DCDC1=VDDIO (3.3V)
DCDC2=VMEM (1.8V)
DCDC3= VDD_PDN (1.2V) driven by X_PWR_EN
LDO1=VDD_PLL (1.2V)
LDO2=VDD_PRE (1.2V)
EN_EXTLDO=VDDIO_RTC
PGOOD delay time (reset delay): 20ms
<PGOODMASK>=10h: reset based on VDCDC1
TPS65073
OMAP3503
101
001
Supporting SYS-OFF mode:
OMAP3515
Supporting
DCDC1=VDDS_WKUP_BG, VDDS_MEM, VDDS,
OMAP3525
SYS-OFF mode
VDDS_SRAM (1.8V)
OMAP3530
DCDC2=VDDCORE (1.2V)
DCDC3=VDD_MPU_IVA (1.2V)
LDO1= VDDS_DPLL_DLL, VDDS_DPLL_PER (1.8V)
LDO2=VDDS_MMC1 (1.8V)
PGOOD delay time (reset delay): 400ms
<PGOODMASK>=1Ch: based on VDCDC1, VDCDC2, VDCDC3
TPS650731
OMAP35xx
110
011
DCDC1=VDDS_WKUP_BG, VDDS_MEM, VDDS,
VDDS_SRAM (1.8V)
DCDC2=VDDCORE (1.2V)
DCDC3=VDD_MPU_IVA (1.2V)
LDO1=VDDS_DPLL_DLL (1.8V)
LDO2=VDDA_DAC (1.8V): OFF, enabled by I2C
PGOOD delay time (reset delay): 400ms
<PGOODMASK>=1Ch: reset based on VDCDC1, VDCDC2,
VDCDC3
TPS650732
OMAP3505
110
001
DCDC1=VDDS1-5 (1.8V)
OMAP3517
DCDC2=VDDSHV (3.3V)
DCDC3=VDD_CORE (1.2V)
LDO1=VDDA1P8V (1.8V)
LDO2=VDDS_DPLL (1.8V)
PGOOD delay time (reset delay): 400ms
<PGOODMASK>=1Ch: reset based on VDCDC1, VDCDC2,
VDCDC3
(1)
Product Preview
TPS6507x was developed for battery powered applications with focus on lowest shutdown and quiescent current.
In order to achieve this, in shutdown all mayor blocks and the system voltage at the output of the power path
(SYS) are turned off and only the input that turns on TPS6507x, pin PB_IN, is supervised. TPS6507x is designed
such that only an ON-key on PB_IN is needed pulling this pin LOW to enable TPS6507x. No external pull-up is
needed as this is integrated into TPS6507x.
Once PB_IN is pulled LOW, the system voltage is ramped and the dcdc converters and LDOs are started with
the sequencing defined for the version used. If PB_IN is released again, TPS6507x would turn off, so a pin was
introduced to keep TPS6507x enabled after PB_IN was released. Pin POWER_ON serves this function and
needs to be pulled HIGH before the user releases the ON-key (PB_IN = HIGH). This HIGH signal at
POWER_ON can be provided by the GPIO of a processor or by a pull-up resistor to any voltage in the system
which is higher than 1.2V. Pulling POWER-ON to a supply voltage would significantly reduce the time PB_IN has
to be asserted LOW. If POWER_ON is tied to a GPIO, the processor has to boot up first which may take some
time. In this case however, the processor could do some additional debouncing, hence does not keep the power
enabled if the ON-key is only pressed for a short time. When there is a supply voltage for the battery charger at
pins AC or USB, the situation is slightly different. In this case, the power path is enabled and the system voltage
(SYS) has ramped already to whatever the voltage at AC or USB is. The dcdc converters are not enabled yet but
the start-up could not only be done by pulling PB_IN=LOW but also by pulling POWER_ON=HIGH.
70
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl