Part Name
         Description
TPS65072RSL

 Single Chip Power Solution for Navigation Systems ( 89 Page)


TI
100% 
Zoom Out Zoom In
 34 page
background image
PB_IN (Push-button IN)
DCDCconvertersstart
LDOsstart
dependingonsequencingoption
PB_IN=0
PB_IN=0 (fallingedge
detect)
POWER_ON=0
PowerOFF
SYS = OFF
PowerOFF 2
SYS = ON
voltageat ACappliedOR
voltageatUSBappliedOR
PB_IN=0
AC=1 OR
USB=1
WAIT FOR
POWERON
SYS = ON
YES
NO
POWER
ON_1
SYS = ON
POWER
ON_2
SYS = ON
POWER_ON=1
PB_IN=1 &&
POWER_ON=1
POWER
OFF 3
SYS = ON
DCDCconverters
powerdown
LDOspowerdown
dependingon
sequencingoption
allvoltagespowereddown
voltageat ACappliedOR
voltageatUSBapplied
allvoltagespowereddown
SLVS950 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
This pin is the ON/OFF button for the PMU to leave OFF-state and enter ON-state by pulling this pin to GND.
Entering ON-state will first ramp the output voltage of the power path (SYS), load the default register settings and
start up the DCDC converters and LDOs with the sequencing defined. In ON-state, the I2C interface is active and
the wLED converter can be enabled. The system turns on if PB_IN is pulled LOW for >50ms (debounce time)
AND the output voltage of the power path manager is above the undervoltage lockout voltage (AVDD6 > 3.0V).
This is for Vbat>3.0V OR VAC>3.0V OR VUSB>3.0V. The default voltage for the undervoltage lockout voltage
can be changed with Bits <UVLO1>, <UVLO0> in register CON_CTRL2. The value will be valid until the device
was turned off completely by entering Off state. The system turns off if PB_IN is released OR the system voltage
falls below the undervoltage lockout voltage of 3.0V. This is the case when either the battery voltage drops below
3.0V or the input voltage at the pins AC or USB is below 3.0V. In order to keep the TPS6507x enabled after
PB_IN is released HIGH, there is an input pin called POWER_ON which needs to be pulled HIGH before the
PB_IN button is released. POWER_ON=HIGH will typically be asserted by the application processor to keep the
PMU in ON-state after the power button at PB_IN is released.
In addition to this, there is a 15s timer which will drive PGOOD=LOW for 0.5ms when 15s are expired. The 15s
timer is enabled again when PB_IN is released HIGH. If PB_IN is pulled LOW for 30s continuously, PGOOD will
be driven LOW only once after the first 15s. When PGOOD is driven LOW due to PB_IN=low for 15s, all
registers in TPS6507x are set to their default value. See Figure 33.
Figure 33. State Machine
34
Copyright © 2009, Texas Instruments Incorporated



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl