Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62111RSAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62111RSAT
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62111RSAT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62111RSAT Datasheet HTML 1Page - Texas Instruments TPS62111RSAT Datasheet HTML 2Page - Texas Instruments TPS62111RSAT Datasheet HTML 3Page - Texas Instruments TPS62111RSAT Datasheet HTML 4Page - Texas Instruments TPS62111RSAT Datasheet HTML 5Page - Texas Instruments TPS62111RSAT Datasheet HTML 6Page - Texas Instruments TPS62111RSAT Datasheet HTML 7Page - Texas Instruments TPS62111RSAT Datasheet HTML 8Page - Texas Instruments TPS62111RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
SYNC
GND
PGND
SW
V
O
=3.3V
6.8
H
m
C
=22
F
6.3V
O
m
VIN
LBI
C =10
F
25V
I
m
1
F
m
V =3.8Vto17V
I
VIN
EN
VINA
PGND
GND PwPD
AGND
TPS62111
SW
LBO
PG
1MW
FB
TPS62111
EfficiencyvsOutputCurrent
100
0
90
70
40
20
80
50
60
30
10
0.0001
0.001
0.01
0.1
10
1
I
-OutputCurrent- A
O
5V
4.2V
12V
8.4V
V
=3.3V
T
PFMMode
O
A =25 C
o
TPS62110, TPS62111
TPS62112, TPS62113
www.ti.com .................................................................................................................................................... SLVS585A – JULY 2005 – REVISED FEBRUARY 2009
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
• High-Efficiency Synchronous Step-Down
The TPS6211x devices are a family of low-noise
Converter With up to 95% Efficiency
synchronous step-down dc-dc converters that are
ideally suited for systems powered from a 2-cell Li-ion
• 3.1-V to 17-V Operating Input Voltage Range
battery or from a 12-V or 15-V rail.
• Adjustable Output Voltage Range From
The TPS6211x is a synchronous PWM converter with
1.2 V to 16 V
integrated
N-
and
P-channel
power
MOSFET
• Fixed Output Voltage Options Available in
switches.
Synchronous
rectification
is
used
to
3.3 V and 5 V
increase efficiency and to reduce external component
• Synchronizable to External Clock Signal up to
count. To achieve highest efficiency over a wide
1.4 MHz
load-current
range,
the
converter
enters
a
power-saving,
pulse-frequency
modulation
(PFM)
• Up to 1.5-A Output Current
mode at light load currents. Operating frequency is
• High Efficiency Over a Wide Load-Current
typically 1 MHz, allowing the use of small inductor
Range Due to PFM/PWM Operation Mode
and
capacitor
values.
The
device
can
be
• 100% Maximum Duty Cycle for Lowest
synchronized to an external clock signal in the range
Dropout
of 0.8 MHz to 1.4 MHz. For low-noise operation, the
converter can be operated in PWM-only mode. In the
• 20-µA Quiescent Current (Typical)
shutdown mode, the current consumption is reduced
• Overtemperature and Overcurrent Protected
to less than 2 µA. The TPS6211x is available in the
• Available in 16-Pin QFN Package
16-pin (RSA) QFN package, and operates over a
free-air temperature range of –40°C to 85°C.
• Point-of-Load Regulation From 12-V Bus
• Organizers, PDAs, and Handheld PCs
• Handheld Scanners
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62111RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62111RSA TI-TPS62111RSA Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
More results

Similar Description - TPS62111RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com