Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65001 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65001
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65001 Datasheet HTML 3Page - Texas Instruments TPS65001 Datasheet HTML 4Page - Texas Instruments TPS65001 Datasheet HTML 5Page - Texas Instruments TPS65001 Datasheet HTML 6Page - Texas Instruments TPS65001 Datasheet HTML 7Page - Texas Instruments TPS65001 Datasheet HTML 8Page - Texas Instruments TPS65001 Datasheet HTML 9Page - Texas Instruments TPS65001 Datasheet HTML 10Page - Texas Instruments TPS65001 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TPS65000/TPS65001
VINDCDC
EN_DCDC
MODE
VINLDO1
EN_LDO1
VINLDO2
EN_LDO2
SW
FB_DCDC
VLDO1
VLDO2
AGND
PGND
FB_LDO1
FB_LDO2
BandgapReference
Oscillator
SSCG
3 x3mm QFN
2
PG
TRST
RST
MR
RSTSNS
LDO2
300mA
Supply
Voltage
Supervisor
BuckConverter
600mA
LDO1
300mA
JointFunction/Pin
TPS65001OnlyFunction/Pin
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810A – JUNE 2009 – REVISED OCTOBER 2009
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS65001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65001 TI-TPS65001 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS65001 TI1-TPS65001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65001RUKR TI1-TPS65001RUKR Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65001RUKR TI1-TPS65001RUKR Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
TPS65001RUKT TI1-TPS65001RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS65001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com