Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62111RSARG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62111RSARG4
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62111RSARG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62111RSARG4 Datasheet HTML 1Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 2Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 3Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 4Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 5Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 6Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 7Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 8Page - Texas Instruments TPS62111RSARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS62110, TPS62111
TPS62112, TPS62113
SLVS585A – JULY 2005 – REVISED FEBRUARY 2009 .................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PLASTIC QFN 16 PIN(1)
LBI/LBO
OUTPUT VOLTAGE
MARKING
(RSA)
FUNCTIONALITY
TPS62110
Adjustable 1.2 V to 16 V
Standard
TPS62110
TPS62111
3.3 V
Standard
TPS62111
TPS62112
5 V
Standard
TPS62112
TPS62113
Adjustable 1.2 V to 16 V
Enhanced
TPS62113
(1)
The RSA package is available in tape and reel. Add R suffix (TPS62110RSAR) to order quantities of
3000 parts per reel. Add T suffix (TPS62110RSAT) to order quantities of 250 parts per reel.
over operating free-air temperature range (unless otherwise noted)
VALUE
VCC
Supply voltage at VIN, VINA
–0.3 V to 20 V
Voltage at SW
–1 V to 20 V
VI
Voltage at EN, SYNC, LBO, PG
–0.3 V to 20 V
Voltage at LBI, FB
–0.3 V to 7 V
IO
Output current at SW
2400 mA
TJ
Maximum junction temperature
150°C
TA
Operating free-air temperature
–40°C to 85°C
Tstg
Storage temperature
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
RSA
2.5 W
25 mW/°C
1.375 W
1 W
(1)
Based on a thermal resistance of 40 K/W soldered onto a high-K board.
MIN
NOM
MAX
UNIT
VCC
Supply voltage at VIN, VINA
3.1
17
V
Maximum voltage at power-good, LBO, EN, SYNC
17
V
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS62110 TPS62111 TPS62112 TPS62113


Similar Part No. - TPS62111RSARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62111RSA TI-TPS62111RSA Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
More results

Similar Description - TPS62111RSARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com