Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097-30DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61097-30DBVT
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61097-30DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61097-30DBVT Datasheet HTML 1Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 2Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 3Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 4Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 5Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 6Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 7Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 8Page - Texas Instruments TPS61097-30DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
TPS61097
www.ti.com .............................................................................................................................................................. SLVS872A – JUNE 2009 – REVISED JULY 2009
over operating free-air temperature range (unless otherwise noted)
(1)
VI
Input voltage range
VIN, L, VOUT, EN, FB
–0.3 V to 7 V
Isc
Short-circuit current
400 mA
TJ
Junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
ESD
Electrostatic discharge rating
Human-Body Model (HBM) (2)
2000 V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL RESISTANCE
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
θ
JA
TA ≤ 25°C
TA = 25°C
DRS
TBD°C/W
TBD mW
TBD mW/°C
DBV
255°C/W
390 mW
-3.92 mW/°C
MIN
MAX
UNIT
VIN
Supply voltage at VIN
0.9
5.5
V
VOUT
Adjustable output voltage
1.8
5.5
V
TA
Operating free air temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
125
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS61097-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33DBVR TI1-TPS61097-33DBVR Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33DBVT TI1-TPS61097-33DBVT Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
More results

Similar Description - TPS61097-30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com