Part Name
         Description
TPS61240YFFR

 3.5-MHz High Efficiency Step-Up Converter ( 25 Page)


TI
100% 
Zoom Out Zoom In
 13 page
background image
APPLICATION INFORMATION
1
H
m
V
IN
C
IN
2.2
F
m
C
OUT
4.7
F
m
V
5V
OUT
L
V
IN
EN
V
OUT
FB
GND
TPS61240
1
H
m
V
IN
C
IN
2.2
F
m
C
OUT
4.7
F
m
V
5V
OUT
L
V
IN
EN
V
OUT
FB
GND
TPS61240
www.ti.com .............................................................................................................................................................. SLVS806A – APRIL 2009 – REVISED MAY 2009
Figure 18. TPS61240 Fixed 5.0V for HDMI / USB-OTG Applications
Figure 19. TPS61240 Fixed 5.0V With Schottky Diode for Output Overvoltage Protection
Copyright © 2009, Texas Instruments Incorporated
13
Product Folder Link(s) :TPS61240, TPS61241



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl