Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62750 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62750
Description  High Efficiency Step-Down Converter for USB Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62750 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62750 Datasheet HTML 6Page - Texas Instruments TPS62750 Datasheet HTML 7Page - Texas Instruments TPS62750 Datasheet HTML 8Page - Texas Instruments TPS62750 Datasheet HTML 9Page - Texas Instruments TPS62750 Datasheet HTML 10Page - Texas Instruments TPS62750 Datasheet HTML 11Page - Texas Instruments TPS62750 Datasheet HTML 12Page - Texas Instruments TPS62750 Datasheet HTML 13Page - Texas Instruments TPS62750 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
3.456
3.492
3.528
3.564
3.6
3.636
3.672
3.708
3.744
3.6 3.8
4 4.2 4.4 4.6 4.8
5 5.2 5.4 5.6 5.8
6
V -InputVoltage-V
I
V
=3.6V,
I
=500mA,
H/L Pin=High
O
load
Limit+3%
Limit-3%
-40°C
25°C
85°C
3.456
3.492
3.528
3.564
3.6
3.636
3.672
3.708
3.744
3.6 3.8
4 4.2 4.4 4.6 4.8
5 5.2 5.4 5.6 5.8
6
V -InputVoltage-V
I
V
=3.6V,
I
=100 A,
H/L Pin=High
O
load
m
-40°C
25°C
85°C
Limit+3%
Limit-3%
V
=5V,
V
=3.6V,
I
=50mA
IN
OUT
OUT
V
=10mV/div
OUT
I
=100mA/div
COIL
t-Time-400ns/div
3.456
3.492
3.528
3.564
3.6
3.636
3.672
3.708
3.744
3.6 3.8
4 4.2 4.4 4.6 4.8
5 5.2 5.4 5.6 5.8
6
V -InputVoltage-V
I
V
=3.6V,
I
=80mA,
H/L Pin=Low
O
load
-40°C
25°C
85°C
Limit+3%
Limit-3%
TPS62750
SLVS955 – JULY 2009 ....................................................................................................................................................................................................... www.ti.com
Figure 11. Output Voltage vs Input Voltage
Figure 12. Output Voltage vs Input Voltage
Figure 13. Output Voltage vs Input Voltage
Figure 14. Output Voltage Ripple – PFM Mode
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS62750


Similar Part No. - TPS62750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62750 TI-TPS62750 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKR TI1-TPS62750DSKR Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKR TI-TPS62750DSKR Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKT TI1-TPS62750DSKT Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKT TI-TPS62750DSKT Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
More results

Similar Description - TPS62750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750_15 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com