Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62112
Description  17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62112 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62112 Datasheet HTML 1Page - Texas Instruments TPS62112 Datasheet HTML 2Page - Texas Instruments TPS62112 Datasheet HTML 3Page - Texas Instruments TPS62112 Datasheet HTML 4Page - Texas Instruments TPS62112 Datasheet HTML 5Page - Texas Instruments TPS62112 Datasheet HTML 6Page - Texas Instruments TPS62112 Datasheet HTML 7Page - Texas Instruments TPS62112 Datasheet HTML 8Page - Texas Instruments TPS62112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ELECTRICAL CHARACTERISTICS
TPS62110, TPS62111
TPS62112, TPS62113
www.ti.com .................................................................................................................................................... SLVS585A – JULY 2005 – REVISED FEBRUARY 2009
VI = 12 V, VO = 3.3 V, IO = 600 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
3.1
17
V
IO = 0 mA, SYNC = GND, VI = 7.2 V,
20
TA = 25°C
(1)
I(Q)
Operating quiescent current
µA
IO = 0 mA, SYNC = GND, VI = 17 V
(1)
23
26
Quiescent current with enhanced LBI
IQ(LBI)
EN = VI , LBI = GND
10
µA
comparator version (TPS62113 only).
EN = GND
1.5
5
I(SD)
Shutdown current
µA
EN = GND, TA = 25°C, VI = 7.2 V
1.5
3
ENABLE
VIH
EN high-level input voltage
1.3
V
VIL
EN low-level input voltage
0.3
V
EN trip-point hysteresis
170
mV
Ilkg
EN input leakage current
EN = GND or VI, VI = 12 V
0.01
0.2
µA
I(EN)
EN input current
0.6 V
≤ V(EN) ≤ 4 V
10
20
µA
V(UVLO)
Undervoltage lockout threshold
Input voltage falling
2.8
3
3.1
V
Undervoltage lockout hysteresis
250
300
mV
POWER SWITCH
VI ≥ 5.4 V; IO = 350 mA
165
250
rDS(ON)
P-channel MOSFET on-resistance
VI = 3.5 V; IO = 200 mA
340
m
VI = 3 V; IO = 100 mA
490
P-channel MOSFET leakage
VDS = 17 V
0.1
1
µA
current
P-channel MOSFET current limit
VI = 7.2 V, VO = 3.3 V
2100
2400
2600
mA
VI ≥ 5.4 V; IO = 350 mA
145
200
rDS(ON)
N-channel MOSFET on-resistance
VI = 3.5 V; IO = 200 mA
170
m
VI = 3 V; IO = 100 mA
200
N-channel MOSFET leakage
VDS = 17 V
0.1
2
µA
current
POWER-GOOD OUTPUT, LBI, LBO
V(PG)
Power-good trip voltage
VO – 1.6%
V
VO ramping positive
50
Power-good delay time
µs
VO ramping negative
200
VOL
PG, LBO output-low voltage
V(FB) = 0.8 × VO nominal, IOL = 1 mA
0.3
V
IOL
PG, LBO sink current
1
mA
PG, LBO output leakage current
V(FB) = VO nominal, V(LBI) = VI
0.01
0.25
µA
Minimum supply voltage for valid power
3
V
good, LBI, LBO signal
VLBI
Low-battery input trip voltage
Input voltage falling
1.256
V
ILBI
LBI input leakage current
10
100
nA
Low-battery input trip-point
1.5%
accuracy
VLBI,HYS Low-battery input hysteresis
25
mV
(1)
Device is not switching.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62110 TPS62111 TPS62112 TPS62113


Similar Part No. - TPS62112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62112-EP TI1-TPS62112-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62112MRSAREP TI1-TPS62112MRSAREP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62112MRSAREP TI1-TPS62112MRSAREP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com