Electronic Components Datasheet Search |
|
WS12-1000-10V-L05- Datasheet(PDF) 6 Page - ASM GmbH |
|
WS12-1000-10V-L05- Datasheet(HTML) 6 Page - ASM GmbH |
6 / 10 page 58 CAT-WS-E-05 ASM www.asm-sensor.com Signal Conditioner 420T Current output (3 wire) Excitation Voltage +18...+27 V DC non stabilized Excitation Current 40 mA max. Load Resistor 350 W max. Output Current 4 ... 20 mA equivalent to 0 ... 100% range Stability (Temperature) ±50 x 10 -6 / °C full scale Protection Reverse polarity, short circuit Output Noise 0.5 mVRMS Operating Temperature -20 ... +85 °C EMC According to EN 61326:2004 Signal conditioner 420A Current output (2 wire) Excitation Voltage +12 ... 27 VDC non stabilized, measured at the sensor terminals Excitation Current 35 mA max. Output Current 4 ... 20 mA equivalent to 0 ... 100% range Stability (Temperature) ±100 x 10 -6 / °C full scale Protection Reverse polarity, short circuit Output Noise 0.5 mVRMS Operating Temperature -20 ... +85 °C EMC According to EN 61326:2004 Signal Wiring Output signals 420A 420T Cable color Connector pin no. Signal + Excitation + White 1 Signal – Excitation GND Brown 2 Signal + Green 3 View to solder terminals Connection Mating Connector Signal + Signal – 420A 4...20 mA 420T 4...20 mA Excitation + Signal + Excitation GND Signal Diagram Signal diagram CONN-DIN-8F-W CONN-M12-8F-G Output Specifications 420A and 420T for WS position sensors |
Similar Part No. - WS12-1000-10V-L05- |
|
Similar Description - WS12-1000-10V-L05- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |